Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMM6025 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MMM6025
Description  Quad-Band GSM/GPRS Power Amplifier Front-End Module with PA and Antenna Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM6025 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MMM6025 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 16Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Signal Descriptions
MMM6025 Advance Information, Rev. 5.1
Freescale Semiconductor
13
Figure 3 shows the top view of the MMM6025 demoboard application schematic.
Figure 3. Demoboard Application Schematic
1
2
3
4
5
6
7
8
9
26
25
24
23
22
21
20
19
18
27
28
29
30
31
32
33
34
17
16
15
14
13
12
11
10
C16
C17
C18
C19
ANT
EUB_US
EN_ANT_TX
LOWB_HIGH
EN_DET_PA
VDET
VREF
C14
C13
TXIN_LB
TXIN_HB
VDD2_LB
VREG28
C12
C2
C3
N.C.
C11
VAPC
VDD1_HB
C6
MMM6025
Top View
VDD2_HB
VDD3_HB
C10
C9
C8
C7
C4
C5
VDD3_LB
VDD1_LB
C1
RX_GSM
RX_DCS
RX_PCS
RX_CEL
C1 =C2=C6 =C7=0.1µF
C3 =C5=C8 =C10 = 10µF
C4 = C9 = 1µF
C11 = 2.2nF
C12 = 0.01µF
C13 = 100pF
C14=C16=C17 =
C18 = C19 = 33pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com