Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5890 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 2SC5890
Description  Silicon NPN Epitaxial UHF / VHF wide band amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5890 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 2SC5890 Datasheet HTML 7Page - Renesas Technology Corp 2SC5890 Datasheet HTML 8Page - Renesas Technology Corp 2SC5890 Datasheet HTML 9Page - Renesas Technology Corp 2SC5890 Datasheet HTML 10Page - Renesas Technology Corp 2SC5890 Datasheet HTML 11Page - Renesas Technology Corp 2SC5890 Datasheet HTML 12Page - Renesas Technology Corp 2SC5890 Datasheet HTML 13Page - Renesas Technology Corp 2SC5890 Datasheet HTML 14Page - Renesas Technology Corp 2SC5890 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2SC5890
Rev.0, Aug. 2002, page 9 of 14
(V
CE = 3V, IC = 50 mA, Zo = 50 Ω)
S11
S21
S12
S22
f (MHz) MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.424
-136.3
28.25
108.0
0.025
60.4
0.382
-86.3
200
0.426
-160.8
15.12
94.5
0.041
65.8
0.225
-108.8
300
0.433
-171.8
10.08
88.0
0.058
69.0
0.172
-122.9
400
0.437
-179.2
7.59
83.5
0.076
70.1
0.152
-132.5
500
0.440
175.1
6.09
80.1
0.093
70.2
0.141
-140.5
600
0.435
170.8
5.08
76.8
0.110
69.9
0.138
-146.0
700
0.443
166.5
4.39
73.9
0.128
69.4
0.134
-149.8
800
0.441
162.8
3.86
70.9
0.145
68.6
0.135
-153.3
900
0.446
158.4
3.44
68.4
0.163
67.8
0.136
-155.4
1000
0.447
155.7
3.11
65.9
0.179
66.8
0.138
-159.5
1100
0.444
152.5
2.86
63.3
0.196
65.9
0.138
-160.9
1200
0.455
148.4
2.64
61.0
0.212
64.8
0.143
-163.1
1300
0.455
145.9
2.47
58.5
0.229
63.6
0.142
-164.6
1400
0.463
142.3
2.31
56.5
0.244
62.7
0.147
-166.3
1500
0.462
140.1
2.17
54.0
0.261
61.3
0.151
-169.0
1600
0.466
137.4
2.05
51.9
0.276
60.3
0.153
-169.0
1700
0.469
135.1
1.97
50.0
0.291
59.1
0.157
-171.3
1800
0.474
131.2
1.87
48.3
0.306
58.0
0.161
-173.0
1900
0.481
129.6
1.79
46.0
0.321
56.7
0.165
-173.5
2000
0.476
126.4
1.72
44.0
0.336
55.6
0.166
-176.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com