Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5890 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 2SC5890
Description  Silicon NPN Epitaxial UHF / VHF wide band amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5890 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 2SC5890 Datasheet HTML 8Page - Renesas Technology Corp 2SC5890 Datasheet HTML 9Page - Renesas Technology Corp 2SC5890 Datasheet HTML 10Page - Renesas Technology Corp 2SC5890 Datasheet HTML 11Page - Renesas Technology Corp 2SC5890 Datasheet HTML 12Page - Renesas Technology Corp 2SC5890 Datasheet HTML 13Page - Renesas Technology Corp 2SC5890 Datasheet HTML 14Page - Renesas Technology Corp 2SC5890 Datasheet HTML 15Page - Renesas Technology Corp 2SC5890 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
2SC5890
Rev.0, Aug. 2002, page 11 of 14
(V
CE = 5V, IC = 30 mA, Zo = 50 Ω)
S11
S21
S12
S22
f (MHz) MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.430
-108.9
28.25
118.1
0.026
61.8
0.482
-59.0
200
0.387
-142.7
16.05
102.5
0.040
65.5
0.283
-72.0
300
0.380
-158.5
10.90
94.7
0.055
69.2
0.205
-77.8
400
0.374
-168.7
8.27
89.8
0.070
70.7
0.165
-81.7
500
0.375
-176.5
6.67
85.8
0.085
71.8
0.143
-84.6
600
0.376
177.6
5.59
82.3
0.101
72.1
0.130
-87.9
700
0.384
172.9
4.82
79.4
0.116
71.7
0.121
-90.6
800
0.383
167.8
4.24
76.5
0.131
71.6
0.116
-93.5
900
0.388
164.0
3.78
73.8
0.147
71.3
0.112
-96.9
1000
0.385
159.5
3.43
70.9
0.162
70.6
0.111
-99.9
1100
0.390
155.7
3.13
68.4
0.177
69.7
0.111
-102.7
1200
0.398
152.4
2.90
66.2
0.192
69.2
0.111
-106.2
1300
0.396
148.1
2.70
63.8
0.207
68.2
0.112
-108.8
1400
0.406
146.2
2.53
61.7
0.221
67.4
0.114
-111.8
1500
0.407
142.5
2.37
59.2
0.236
66.4
0.115
-115.0
1600
0.408
139.8
2.25
57.1
0.250
65.4
0.118
-117.5
1700
0.414
137.8
2.13
54.9
0.265
64.4
0.122
-120.7
1800
0.420
133.6
2.04
53.1
0.278
63.5
0.124
-123.7
1900
0.428
131.5
1.94
50.9
0.292
62.5
0.128
-126.6
2000
0.427
128.4
1.86
49.2
0.306
61.3
0.131
-129.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com