Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5890 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5890
Description  Silicon NPN Epitaxial UHF / VHF wide band amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5890 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5890 Datasheet HTML 1Page - Renesas Technology Corp 2SC5890 Datasheet HTML 2Page - Renesas Technology Corp 2SC5890 Datasheet HTML 3Page - Renesas Technology Corp 2SC5890 Datasheet HTML 4Page - Renesas Technology Corp 2SC5890 Datasheet HTML 5Page - Renesas Technology Corp 2SC5890 Datasheet HTML 6Page - Renesas Technology Corp 2SC5890 Datasheet HTML 7Page - Renesas Technology Corp 2SC5890 Datasheet HTML 8Page - Renesas Technology Corp 2SC5890 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2SC5890
Silicon NPN Epitaxial
UHF / VHF wide band amplifier
ADE-208-1533 (Z)
1st. Edition
Aug.2002
Features
• High gain bandwidth product:
f
T = 7.8 GHz typ.
• High power gain and low noise figure;
PG = 12 dB typ., NF = 1.0 dB typ. at f = 900 MHz
• High collector power dissipation:
Pc = 700 mW when using alumina ceramic board (25 x 60 x 0.7 mm)
• High withstanding to ESD of collector to emitter:
Withstand up to 700 V (only real value) at C = 200 pF, Rs = 0 condition.
Outline
1
2
3
1. Emitter
2. Base
3. Collector
MPAK
Note: Marking is “FS-”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com