Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC2611 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC2611
Description  High voltage Amplifier and TV Video Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC2611 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC2611 Datasheet HTML 1Page - Continental Device India Limited CSC2611 Datasheet HTML 2Page - Continental Device India Limited CSC2611 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
CSC2611
NPN PLASTIC POWER TRANSISTOR
High voltage Amplifier and TV Video Output
ABSOLUTE MAXIMUM RATINGS
Collector-base voltage (open emitter)
VCBO
max.
300 V
Collector-emitter voltage (open base)
VCEO
max.
300 V
Collector current
IC
max.
100 mA
Total power dissipation up to TA = 25°C
Ptot
max.
1.25 W
Junction temperature
Tj
max.
150 °C
Collector-emitter saturation voltage
IC = 20 mA; IB = 2 mA
VCEsat
max.
1.5 V
D.C. current gain
IC = 20mA; VCE = 20V
hFE
min.
30
max.
200
RATINGS (at TA=25°C unless otherwise specified)
Limiting values
Collector-base voltage (open emitter)
VCBO
max.
300 V
Collector-emitter voltage (open base)
VCEO
max.
300 V
CSC2611
ALL DIMENSIONS IN MM
PIN CONFIGURATION
1. EMITTER
2. COLLECTOR
3. BASE
1
3
2
TO-126 (SOT-32) Plastic Package
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CSC2611

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC2655 CDIL-CSC2655 Datasheet
95Kb / 3P
COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
CSC2655 CDIL-CSC2655 Datasheet
206Kb / 3P
COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
CSC2655NPN CDIL-CSC2655NPN Datasheet
206Kb / 3P
COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
CSC2688 CDIL-CSC2688 Datasheet
70Kb / 2P
NPN SILICON EPITAXIAL POWER TRANSISTOR
CSC2688G CDIL-CSC2688G Datasheet
70Kb / 2P
NPN SILICON EPITAXIAL POWER TRANSISTOR
More results

Similar Description - CSC2611

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TDA4439 TEMIC-TDA4439 Datasheet
105Kb / 7P
Video IF Amplifier for Multistandard TV and VTR
Rev. A1: 14.09.1995
logo
Sanyo Semicon Device
VPS12 SANYO-VPS12 Datasheet
89Kb / 4P
CRT Display Video Output Amplifier: High-Voltage, Wideband Amplifier
VPS13 SANYO-VPS13 Datasheet
88Kb / 4P
CRT Display Video Output Amplifier, High-Voltage/Wideband Amplifier
logo
Fairchild Semiconductor
KSC2688 FAIRCHILD-KSC2688 Datasheet
33Kb / 4P
Color TV Chroma Output & Video Output
logo
KEC(Korea Electronics)
KTC3206 KEC-KTC3206 Datasheet
438Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR (BLACK AND WHITE TV VIDEO OUTPUT, HIGH VOLTAGE SWITCHING)
logo
Hitachi Semiconductor
2SC1514 HITACHI-2SC1514 Datasheet
43Kb / 1P
HIGH FREQUENCY HIGH VOLTAGE AMPLIFIER TV VIDEO OUTPUT
2SC2278 HITACHI-2SC2278 Datasheet
38Kb / 1P
HIGH FREQUENCY HIGH VOLTAGE AMPLIFIER TV VIDEO OUTPUT
logo
M.S. Kennedy Corporatio...
MSK1933 MSK-MSK1933 Datasheet
288Kb / 6P
ULTRA HIGH SPEED/VOLTAGE NEGATIVE OUTPUT VIDEO AMPLIFIER
MSK1903 MSK-MSK1903 Datasheet
260Kb / 6P
HIGH SPEED/HIGH VOLTAGE NEGATIVE OUTPUT VIDEO AMPLIFIER
logo
Fairchild Semiconductor
KSC2258ASTU FAIRCHILD-KSC2258ASTU Datasheet
50Kb / 4P
High Voltage General Amplifier TV Video Output Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com