Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD880O Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSD880O
Description  Audio Frequency Power Amplifier Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSD880O Datasheet(HTML) 1 Page - Continental Device India Limited

  CSD880O Datasheet HTML 1Page - Continental Device India Limited CSD880O Datasheet HTML 2Page - Continental Device India Limited CSD880O Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON POWER TRANSISTOR
CSD880
TO-220
Audio Frequency Power Amplifier Applications.
Complementary CSB834
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
60
V
Collector -Emitter Voltage
VCEO
60
V
Emitter- Base Voltage
VEBO
7.0
V
Collector Current
IC
3.0
A
Base Current
IB
0.5
A
Power Dissipation @ Ta=25 deg C
PC
1.5
W
Power Dissipation @ Tc=25 deg C
30
W
Junction Temperature
Tj
150
deg C
Storage Temperature Range
Tstg
-55 to +150
deg C
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut off Current
ICBO
VCB=60V, IE=0
-
-
100
uA
Emitter Cut off Current
IEBO
VEB=7V, IC=0
-
-
100
uA
Collector Emitter Voltage
VCEO
IC=50mA, IB=0
60
-
-
V
DC Current Gain
hFE
IC=0.5A, VCE=5V
60
-
300
Collector Emitter Saturation Voltage
VCE(Sat)
IC=3A, IB=0.3A
-
-
1.0
V
Base Emitter on Voltage
VBE(on)
IC=0.5A, VCE=5V
-
-
1.0
V
Dynamic Characteristics
Transition Frequency
ft
VCE=5V,IC=0.5A,
-
3.0
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0
-
70
-
pF
f=1MHz
Switching Time
Turn-0n Time
ton
VCC=30V,
-
0.8
-
us
Storage Time
tstg
IB1=IB2=0.2A,
-
1.5
-
us
Fall Time
tf
Pulse Width=20us
-
0.8
-
us
Duty Cycle=1%
hFE CLASSIFICATION:-
O : 60 -120,
Y : 100 -200,
GR : 150-300
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CSD880O

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSD882 CDIL-CSD882 Datasheet
136Kb / 3P
Audio Frequency Power Amplifier and Low Speed Switching Applications
logo
Multicomp Pro
CSD882 MULTICOMP-CSD882 Datasheet
1Mb / 5P
Single Bipolar Transistor
23/02/24 V1.0
logo
Continental Device Indi...
CSD882E CDIL-CSD882E Datasheet
136Kb / 3P
Audio Frequency Power Amplifier and Low Speed Switching Applications
CSD882P CDIL-CSD882P Datasheet
136Kb / 3P
Audio Frequency Power Amplifier and Low Speed Switching Applications
CSD882Q CDIL-CSD882Q Datasheet
136Kb / 3P
Audio Frequency Power Amplifier and Low Speed Switching Applications
More results

Similar Description - CSD880O

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SB1015A TOSHIBA-2SB1015A Datasheet
148Kb / 3P
TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
2SD1406 TOSHIBA-2SD1406 Datasheet
257Kb / 2P
AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS
2SJ338 TOSHIBA-2SJ338_07 Datasheet
125Kb / 3P
Audio-Frequency Power Amplifier Applications
2SA1358 TOSHIBA-2SA1358_07 Datasheet
120Kb / 4P
Audio Frequency Power Amplifier Applications
2SB1667 TOSHIBA-2SB1667_09 Datasheet
178Kb / 5P
Audio Frequency Power Amplifier Applications
2SD2012 TOSHIBA-2SD2012_09 Datasheet
133Kb / 5P
Audio Frequency Power Amplifier Applications
2SD2012FM TOSHIBA-2SD2012FM Datasheet
133Kb / 5P
Audio Frequency Power Amplifier Applications
2SA1313-Y TOSHIBA-2SA1313-Y Datasheet
198Kb / 4P
Audio Frequency Low Power Amplifier Applications
2SD1353 TOSHIBA-2SD1353 Datasheet
177Kb / 2P
AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS.
2SD1354 TOSHIBA-2SD1354 Datasheet
189Kb / 2P
AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com