Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2232 Datasheet(PDF) 16 Page - SMSC Corporation

Part # USB2232
Description  5th GENERATION HI-SPEED USB FLASH MEDIA AND CIR CONTROLLER WITH INTEGRATED CARD POWER FETs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2232 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button USB2232 Datasheet HTML 12Page - SMSC Corporation USB2232 Datasheet HTML 13Page - SMSC Corporation USB2232 Datasheet HTML 14Page - SMSC Corporation USB2232 Datasheet HTML 15Page - SMSC Corporation USB2232 Datasheet HTML 16Page - SMSC Corporation USB2232 Datasheet HTML 17Page - SMSC Corporation USB2232 Datasheet HTML 18Page - SMSC Corporation USB2232 Datasheet HTML 19Page - SMSC Corporation USB2232 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
5th Generation Hi-Speed USB Flash Media and CIR Controller with Integrated Card Power FETs
Datasheet
Revision 1.3 (07-12-05)
16
SMSC USB2231/USB2232
DATASHEET
MS
Card Insertion
MS_INS
IPU
This pin is the card detection signal from the MS device
to indicate, if the device is inserted.
This pin has an internally controlled weak pull-up
resistor.
MS
System CLK
MS_SCLK
O8
This pin is an output clock signal to the MS device.
The clock frequency is software configurable.
SD INTERFACE
SD
Data3-0
SD_DAT[3:0]
I/O8PU
These are bi-directional data signals.
These pins have internally controlled weak pull-up
resistors.
SD Clock
SD_CLK
O8
This is an output clock signal to SD/MMC device.
The clock frequency is software configurable.
SD Command
SD_CMD
I/O8PU
This is a bi-directional signal that connects to the CMD
signal of SD/MMC device.
This pin has an internally controlled weak pull-up
resistor.
SD
Write Protected
SD_nWP
IPD
This pin is an input signal with an internal weak pull-
down.
This pin has an internally controlled weak pull-down
resistor.
USB INTERFACE
USB Bus Data
USBDM
USBDP
IO-U
These pins connect to the USB bus data signals.
USB Transceiver
Bias
RBIAS
I
A 12.0k
Ω, ± 1.0% resistor is attached from VSSA to this
pin, in order to set the transceiver’s internal bias
currents.
Analog Test
ATEST
AIO
This signal is used for testing the analog section of the
chip and should be connected to VDDA33 for normal
operation.
1.8v PLL Power
VDD18PLL
1.8v Power for the PLL
PLL Ground
Reference
VSSPLL
Ground Reference for 1.8v PLL power
3.3v Analog Power
VDDA33
3.3v Analog Power
Analog Ground
Reference
VSSA
Analog Ground Reference for 3.3v Analog Power.
Crystal
Input/External Clock
Input
XTAL1/
CLKIN
ICLKx
24Mhz Crystal or external 24/48 MHz clock input.
This pin can be connected to one terminal of the crystal
or can be connected to an external 24/48Mhz clock
when a crystal is not used.
Note:
The ‘MA[2:0] pins will be sampled while
nRESET is asserted, and the value will be
latched upon nRESET negation. This will
determine the clock source and value.
Table 6.1 USB2231/USB2232 Pin Descriptions
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com