Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2232 Datasheet(PDF) 20 Page - SMSC Corporation

Part # USB2232
Description  5th GENERATION HI-SPEED USB FLASH MEDIA AND CIR CONTROLLER WITH INTEGRATED CARD POWER FETs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2232 Datasheet(HTML) 20 Page - SMSC Corporation

Back Button USB2232 Datasheet HTML 16Page - SMSC Corporation USB2232 Datasheet HTML 17Page - SMSC Corporation USB2232 Datasheet HTML 18Page - SMSC Corporation USB2232 Datasheet HTML 19Page - SMSC Corporation USB2232 Datasheet HTML 20Page - SMSC Corporation USB2232 Datasheet HTML 21Page - SMSC Corporation USB2232 Datasheet HTML 22Page - SMSC Corporation USB2232 Datasheet HTML 23Page - SMSC Corporation USB2232 Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
5th Generation Hi-Speed USB Flash Media and CIR Controller with Integrated Card Power FETs
Datasheet
Revision 1.3 (07-12-05)
20
SMSC USB2231/USB2232
DATASHEET
Notes:
■
Hot-insertion capable card connectors are required for all flash media. It is required for SD
connector to have Write Protect switch. This allows the chip to detect MMC card.
■
nMCE is normally asserted except when the 8051 is in standby mode.
6.2
Buffer Type Descriptions
CIR
IR Receive Data
IR_RXD
I
IR_RXD, is the CIR receiver input.
DIGITAL POWER, GROUNDS, and NO CONNECTS
1.8v Digital Core
Power
VDD18
+1.8V Core power
All VDD18 pins must be connected together on the
circuit board.
3.3v Power & &
Voltage Regulator
Input
VDD33
3.3V Power & Regulator Input.
Pins 100 & 108 supply 3.3V power to the internal 1.8V
regulators.
Ground
VSS
Ground Reference
Table 6.2 USB2231/USB2232 Buffer Type Descriptions
BUFFER
DESCRIPTION
I
Input
IPU
Input with internal weak pull-up resistor.
IPD
Input with internal weak pull-down resistor.
IS
Input with Schmitt trigger
I/O8
Input/Output buffer with 8mA sink and 8mA source.
I/O8PU
Input/Output buffer with 8mA sink and 8mA source, with an internal weak pull-up resistor.
I/O8PD
Input/Output buffer with 8mA sink and 8mA source, with an internal weak pull-down
resistor.
O8
Output buffer with 8mA sink and 8mA source.
O8PU
Output buffer with 8mA sink and 8mA source, with an internal weak pull-up resistor.
O8PD
Output buffer with 8mA sink and 8mA source, with an internal weak pull-down resistor.
ICLKx
XTAL clock input
OCLKx
XTAL clock output
I/O-U
Analog Input/Output Defined in USB specification
AIO
Analog Input/Output
Table 6.1 USB2231/USB2232 Pin Descriptions
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com