Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2232 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB2232
Description  5th GENERATION HI-SPEED USB FLASH MEDIA AND CIR CONTROLLER WITH INTEGRATED CARD POWER FETs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2232 Datasheet(HTML) 1 Page - SMSC Corporation

  USB2232 Datasheet HTML 1Page - SMSC Corporation USB2232 Datasheet HTML 2Page - SMSC Corporation USB2232 Datasheet HTML 3Page - SMSC Corporation USB2232 Datasheet HTML 4Page - SMSC Corporation USB2232 Datasheet HTML 5Page - SMSC Corporation USB2232 Datasheet HTML 6Page - SMSC Corporation USB2232 Datasheet HTML 7Page - SMSC Corporation USB2232 Datasheet HTML 8Page - SMSC Corporation USB2232 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
SMSC USB2231/USB2232
DATASHEET
Revision 1.3 (07-12-05)
Datasheet
PRODUCT FEATURES
USB2231/USB2232
5th Generation Hi-Speed
USB Flash Media and
CIR Controller with
Integrated Card Power
FETs
CIR Controller
■ Consumer IR (CIR) Controller with support for all
popular CIR formats.
Flash Media Controller
■ Complete System Solution for interfacing
SmartMediaTM (SM) or xD Picture CardTM (xD)1,
Memory StickTM (MS), High Speed Memory Stick
(HSMS), Memory Stick PRO (MSPRO), MS DuoTM,
Secure Digital (SD), High Speed SD, Mini-Secure
Digital (Mini-SD), TransFlash (SD),
MultiMediaCardTM (MMC), Reduced Size
MultiMediaCard (RS-MMC), NAND Flash, Compact
FlashTM (CF) and CF UltraTM I & II, and CF form-
factor ATA hard drives to Hi-Speed USB
— Supports USB Bulk Only Mass Storage Compliant Bootable
BIOS
■ Support for simultaneous operation of all above
devices. (only one at a time of each of the following
groups supported: CF or ATA drive, SM or XD or
NAND, SD or MMC)
■ On-Chip 4-Bit High Speed Memory Stick and MS
PRO Hardware Circuitry
■ On-Chip firmware reads and writes High Speed
Memory Stick and MS PRO
■ 1-bit ECC correction performed in hardware for
maximum efficiency
■ Hardware support for SD Security Command
Extensions
■ On-chip power FETs with short circuit protection for
supplying flash media card power
■ USB Bus Power Certified
■ 3.3 Volt I/O with 5V input tolerance on VBUS/GPIO3
■ Complete USB Specification 2.0 Compatibility for Bus
Powered Operation
— Includes Hi-Speed USB Transceiver
— A Bi-directional Control and two Bi-directional Bulk
Endpoints are provided.
■ 8051 8 bit microprocessor
— Provides low speed control functions
— 30 Mhz execution speed at 1 clock per instruction cycle
average
— 12K Bytes of internal SRAM for general purpose
scratchpad
— 768 Bytes of internal SRAM for general purpose scratchpad
or program execution while re-flashing external ROM
— Two, Double Buffered Bulk Endpoints
— Two, Bi-directional 512 Byte Buffers for Bulk Endpoints
— 64 Byte RX Control Endpoint Buffer
— 64 Byte TX Control Endpoint Buffer
■ Internal or External Program Memory Interface
— 76K Byte Internal Code Space or Optional 128K Byte
External Code Space using Flash, SRAM or EPROM
memory.
■ On Board 24Mhz Crystal Driver Circuit
■ Can be clocked by 48MHz external source
■ On-Chip 1.8V Regulator for Low Power Core
Operation
■ Internal PLL for 480Mhz Hi-Speed USB Sampling,
Configurable MCU clock
■ Supports firmware upgrade via USB bus if “boot
block” Flash program memory is used
■ 12 GPIOs for special function use: LED indicators,
button inputs, power control to memory devices, etc.
— Inputs capable of generating interrupts with either edge
sensitivity
■ Attribute bit controlled features:
— Activity LED polarity/operation/blink rate
— Full or Partial Card compliance checking
— Bus or Self Powered
— LUN configuration and assignment
— Write Protect Polarity
—SmartDetachTM - Detach from USB when no Card Inserted
for Notebook apps
— Cover Switch operation for xD compliance
— Inquiry Command operation
— SD Write Protect operation
— Older CF card support
— Force USB 1.1 reporting
— Internal or External Power FET operation
■ Compatible with Microsoft WinXP, WinME, Win2K
SP3, Apple OS10, Softconnex, and Linux Multi-LUN
Mass Storage Class Drivers
■ Win2K, Win98/98SE and Apple OS8.6 and OS9
Multi-LUN Mass Storage Class Drivers available from
SMSC
■ 128 Pin TQFP Package (1.0mm height, 14mmx14mm
footprint); green, lead-free package also available.
1.xD Picture Card not applicable to USB2231


Similar Part No. - USB2232

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2230 SMSC-USB2230 Datasheet
1,008Kb / 27P
5TH GENERATION HI-SPEED USB FLASH MEDIA & IrDA CONTROLLER WITH INTEGRATED CARD POWER FETs
USB2230 SMSC-USB2230 Datasheet
687Kb / 27P
5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
logo
Microchip Technology
USB2230 MICROCHIP-USB2230 Datasheet
374Kb / 28P
5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
06/23/16
logo
SMSC Corporation
USB2230-NE-03 SMSC-USB2230-NE-03 Datasheet
1,008Kb / 27P
5TH GENERATION HI-SPEED USB FLASH MEDIA & IrDA CONTROLLER WITH INTEGRATED CARD POWER FETs
USB2230-NE-XX SMSC-USB2230-NE-XX Datasheet
687Kb / 27P
5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
More results

Similar Description - USB2232

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2227 SMSC-USB2227 Datasheet
919Kb / 26P
4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS
USB2601 SMSC-USB2601 Datasheet
710Kb / 26P
4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS AND HS HUB
USB2229 SMSC-USB2229 Datasheet
1,008Kb / 27P
5TH GENERATION HI-SPEED USB FLASH MEDIA & IrDA CONTROLLER WITH INTEGRATED CARD POWER FETs
USB2227 SMSC-USB2227_06 Datasheet
949Kb / 27P
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs
USB2229 SMSC-USB2229_06 Datasheet
687Kb / 27P
5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
USB2601 SMSC-USB2601_06 Datasheet
430Kb / 26P
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs and HS Hub
USB2226 SMSC-USB2226 Datasheet
334Kb / 23P
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
logo
Microchip Technology
USB2601 MICROCHIP-USB2601 Datasheet
272Kb / 30P
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs & HS Hub
07/14/15
USB2229 MICROCHIP-USB2229 Datasheet
374Kb / 28P
5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
06/23/16
USB2227 MICROCHIP-USB2227 Datasheet
374Kb / 25P
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com