Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF2127
Description  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF2127 Datasheet HTML 1Page - NXP Semiconductors PCF2127 Datasheet HTML 2Page - NXP Semiconductors PCF2127 Datasheet HTML 3Page - NXP Semiconductors PCF2127 Datasheet HTML 4Page - NXP Semiconductors PCF2127 Datasheet HTML 5Page - NXP Semiconductors PCF2127 Datasheet HTML 6Page - NXP Semiconductors PCF2127 Datasheet HTML 7Page - NXP Semiconductors PCF2127 Datasheet HTML 8Page - NXP Semiconductors PCF2127 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
8.1 Registers organization
Table 5.
Registers overview
Bit positions labeled as - are not implemented. After reset, all registers are set according to Table 8 on page 10.
Address
Register name
Bit
Reference
7
6
5
4
3
2
1
0
Control and status registers
00h
Control_1
EXT_TEST
-
STOP
SR
-
CIE
12_24
CAP_SEL
Section 8.2.1
01h
Control_2
AIE
AF
MI
HMI
TF
COF[2:0]
Section 8.2.2
02h
Offset
MODE
OFFSET[6:0]
Section 8.2.3
03h
RAM_byte
B[7:0]
Section 8.2.4
Time and date registers
04h
Seconds
OS
SECONDS (0 to 59)
Section 8.3.1
05h
Minutes
-
MINUTES (0 to 59)
Section 8.3.2
06h
Hours
-
-
AMPM
HOURS (1 to 12) in 12-hour mode
Section 8.3.3
HOURS (0 to 23) in 24-hour mode
07h
Days
-
-
DAYS (1 to 31)
Section 8.3.4
08h
Weekdays
-
-
-
-
-
WEEKDAYS (0 to 6)
Section 8.3.5
09h
Months
-
-
-
MONTHS (1 to 12)
Section 8.3.6
0Ah
Years
YEARS (0 to 99)
Section 8.3.7
Alarm registers
0Bh
Second_alarm
AEN_S
SECOND_ALARM (0 to 59)
Section 8.5.1
0Ch
Minute_alarm
AEN_M
MINUTE_ALARM (0 to 59)
Section 8.5.2
0Dh
Hour_alarm
AEN_H
-
AMPM
HOUR_ALARM (1 to 12) in 12-hour mode
Section 8.5.3
HOUR_ALARM (0 to 23) in 24-hour mode
0Eh
Day_alarm
AEN_D
-
DAY_ALARM (1 to 31)
Section 8.5.4
0Fh
Weekday_alarm
AEN_W
-
-
-
-
WEEKDAY_ALARM (0 to 6)
Section 8.5.5
Timer registers
10h
Timer_value
T[7:0]
Section 8.6.1
11h
Timer_mode
-
-
-
TCF[1:0]
TE
TIE
TI_TP
Section 8.6.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com