Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF2127
Description  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF2127 Datasheet HTML 7Page - NXP Semiconductors PCF2127 Datasheet HTML 8Page - NXP Semiconductors PCF2127 Datasheet HTML 9Page - NXP Semiconductors PCF2127 Datasheet HTML 10Page - NXP Semiconductors PCF2127 Datasheet HTML 11Page - NXP Semiconductors PCF2127 Datasheet HTML 12Page - NXP Semiconductors PCF2127 Datasheet HTML 13Page - NXP Semiconductors PCF2127 Datasheet HTML 14Page - NXP Semiconductors PCF2127 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
PCA85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 30 March 2018
11 of 59
NXP Semiconductors
PCA85063A
Automotive Real-Time Clock/calendar with alarm function and I2C-bus
The PCA85063A resets to:
Time — 00:00:00
Date — 20000101
Weekday — Saturday
8.2.2 Register Control_2
[1]
Default value.
0Fh
Weekday_alarm
10000000
10h
Timer_value
00000000
11h
Timer_mode
00011000
Table 8.
Registers reset values …continued
Address
Register name
Bit
7
6
5
4
3
2
1
0
Table 9.
Control_2 - control and status register 2 (address 01h) bit description
Bit
Symbol
Value
Description
Reference
7AIE
alarm interrupt
Section 8.2.2.1
Section 8.5.6
0[1]
disabled
1
enabled
6AF
alarm flag
Section 8.2.2.1
Section 8.5.6
0[1]
read: alarm flag inactive
write: alarm flag is cleared
1
read: alarm flag active
write: alarm flag remains unchanged
5MI
minute interrupt
Section 8.2.2.2
Section 8.2.2.3
0[1]
disabled
1
enabled
4HMI
half minute interrupt
Section 8.2.2.2
Section 8.2.2.3
0[1]
disabled
1
enabled
3TF
timer flag
Section 8.2.2.1
Section 8.2.2.3
Section 8.6.3
0[1]
no timer interrupt generated
1
flag set when timer interrupt generated
2 to 0
COF[2:0]
see Table 11
CLKOUT control
Section 8.2.2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com