Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # PCF2127
Description  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button PCF2127 Datasheet HTML 51Page - NXP Semiconductors PCF2127 Datasheet HTML 52Page - NXP Semiconductors PCF2127 Datasheet HTML 53Page - NXP Semiconductors PCF2127 Datasheet HTML 54Page - NXP Semiconductors PCF2127 Datasheet HTML 55Page - NXP Semiconductors PCF2127 Datasheet HTML 56Page - NXP Semiconductors PCF2127 Datasheet HTML 57Page - NXP Semiconductors PCF2127 Datasheet HTML 58Page - NXP Semiconductors PCF2127 Datasheet HTML 59Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 57 / 59 page
background image
PCA85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 30 March 2018
57 of 59
NXP Semiconductors
PCA85063A
Automotive Real-Time Clock/calendar with alarm function and I2C-bus
27. Tables
Table 1.
Ordering information . . . . . . . . . . . . . . . . . . . . .2
Table 2.
Ordering options . . . . . . . . . . . . . . . . . . . . . . . . .2
Table 3.
Marking codes . . . . . . . . . . . . . . . . . . . . . . . . . .2
Table 4.
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . .3
Table 5.
Registers overview . . . . . . . . . . . . . . . . . . . . . .5
Table 6.
Control_1 - control and status register 1
(address 00h) bit description . . . . . . . . . . . . . . .6
Table 7.
First increment of time circuits after STOP bit
release . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .9
Table 8.
Registers reset values . . . . . . . . . . . . . . . . . . .10
Table 9.
Control_2 - control and status register 2
(address 01h) bit description . . . . . . . . . . . . . . 11
Table 10. Effect of bits MI and HMI on INT generation . .13
Table 11. CLKOUT frequency selection . . . . . . . . . . . . .14
Table 12. Offset - offset register (address 02h) bit
description . . . . . . . . . . . . . . . . . . . . . . . . . . . .15
Table 13. Offset values . . . . . . . . . . . . . . . . . . . . . . . . . .15
Table 14. Correction pulses for MODE = 0 . . . . . . . . . . .16
Table 15. Effect of correction pulses on frequencies for
MODE = 0. . . . . . . . . . . . . . . . . . . . . . . . . . . . .16
Table 16. Correction pulses for MODE = 1 . . . . . . . . . . .17
Table 17. Effect of correction pulses on frequencies for
MODE = 1. . . . . . . . . . . . . . . . . . . . . . . . . . . . .17
Table 18. RAM_byte - 8-bit RAM register (address 03h)
bit description . . . . . . . . . . . . . . . . . . . . . . . . . .19
Table 19. Seconds - seconds register (address 04h) bit
description . . . . . . . . . . . . . . . . . . . . . . . . . . . .19
Table 20. Seconds coded in BCD format . . . . . . . . . . . .20
Table 21. Minutes - minutes register (address 05h) bit
description . . . . . . . . . . . . . . . . . . . . . . . . . . . .21
Table 22. Hours - hours register (address 06h) bit
description . . . . . . . . . . . . . . . . . . . . . . . . . . . .21
Table 23. Days - days register (address 07h) bit
description . . . . . . . . . . . . . . . . . . . . . . . . . . . .21
Table 24. Weekdays - weekdays register (address 08h)
bit description . . . . . . . . . . . . . . . . . . . . . . . . .21
Table 25. Weekday assignments . . . . . . . . . . . . . . . . . . .22
Table 26. Months - months register (address 09h) bit
description . . . . . . . . . . . . . . . . . . . . . . . . . . . .22
Table 27. Month assignments in BCD format . . . . . . . . . .22
Table 28. Years - years register (0Ah) bit description. . . .23
Table 29. Second_alarm - second alarm register
(address 0Bh) bit description . . . . . . . . . . . . . .24
Table 30. Minute_alarm - minute alarm register
(address 0Ch) bit description . . . . . . . . . . . . . .25
Table 31. Hour_alarm - hour alarm register
(address 0Dh) bit description . . . . . . . . . . . . . .25
Table 32. Day_alarm - day alarm register (address 0Eh)
bit description . . . . . . . . . . . . . . . . . . . . . . . . . .25
Table 33. Weekday_alarm - weekday alarm register
(address 0Fh) bit description . . . . . . . . . . . . . .26
Table 34. Timer_value - timer value register
(address 10h) bit description . . . . . . . . . . . . . .27
Table 35. Timer_mode - timer control register
(address 11h) bit description . . . . . . . . . . . . . .28
Table 36. Timer clock frequency and timer durations. . . .28
Table 37. First period delay for timer counter value T . . 29
Table 38. INT operation . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Table 39. I2C slave address byte . . . . . . . . . . . . . . . . . . . 33
Table 40. Limiting values . . . . . . . . . . . . . . . . . . . . . . . . 36
Table 41. Static characteristics . . . . . . . . . . . . . . . . . . . . 37
Table 42. I2C-bus characteristics . . . . . . . . . . . . . . . . . . . 42
Table 43. SnPb eutectic process (from J-STD-020D) . . . 48
Table 44. Lead-free process (from J-STD-020D) . . . . . . 48
Table 45. Selection of Real-Time Clocks . . . . . . . . . . . . 50
Table 46. Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 52
Table 47. Revision history . . . . . . . . . . . . . . . . . . . . . . . . 54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com