Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWCT2004AFVLLPNT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PWCT2004AFVLLPNT
Description  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PWCT2004AFVLLPNT Datasheet(HTML) 2 Page - NXP Semiconductors

  PWCT2004AFVLLPNT Datasheet HTML 1Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 2Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 3Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 4Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 5Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 6Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 7Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 8Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
• Communications interfaces
– Up to three Low Power Universal Asynchronous Receiver/Transmitter (LPUART/LIN) modules with DMA support
and low power availability
– Up to three Low Power Serial Peripheral Interface (LPSPI) modules with DMA support and low power availability
– Up to two Low Power Inter-Integrated Circuit (LPI2C) modules with DMA support and low power availability
– Up to three FlexCAN modules (with optional CAN-FD support)
– FlexIO module for emulation of communication protocols and peripherals (UART, I2C, SPI, I2S, LIN, PWM, etc).
• Safety and Security
– Cryptographic Services Engine (CSEc) implements a comprehensive set of cryptographic functions as described in the
SHE (Secure Hardware Extension) Functional Specification. Note: CSEc (Security) or EEPROM writes/erase will
trigger error flags in HSRUN mode (112 MHz) because this use case is not allowed to execute simultaneously. The
device will need to switch to RUN mode (80 MHz) to execute CSEc (Security) or EEPROM writes/erase.
– 128-bit Unique Identification (ID) number
– Error-Correcting Code (ECC) on flash and SRAM memories
– System Memory Protection Unit (System MPU)
– Cyclic Redundancy Check (CRC) module
– Internal watchdog (WDOG)
– External Watchdog monitor (EWM) module
• Timing and control
– Up eight independent 16-bit FlexTimers (FTM) module, offering up to 64 standard channels (IC/OC/PWM)
– One 16-bit Low Power Timer (LPTMR) with flexible wake up control
– Two Programmable Delay Blocks (PDB) with flexible trigger system
– One 32-bit Low Power Interrupt Timer (LPIT) with 4 channels
– 32-bit Real Time Counter (RTC)
• I/O and package
– 64-pin LQFP, 100-pin LQFP, 100-pin MAPBGA package options
• 16 channel DMA with up to 63 request sources using DMAMUX
MWCT101XS Data Sheet, Rev. 3, 12/2019
2
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com