Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWCT2004AFVLLPNT Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PWCT2004AFVLLPNT
Description  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PWCT2004AFVLLPNT Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PWCT2004AFVLLPNT Datasheet HTML 35Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 36Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 37Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 38Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 39Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 40Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 41Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 42Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
6.4.2 CMP with 8-bit DAC electrical specifications
Table 28. Comparator with 8-bit DAC electrical specifications
Symbol
Description
Min.
Typ.
Max.
Unit
IDDHS
Supply current, High-speed mode1
μA
-40 - 125
℃
—
230
300
IDDLS
Supply current, Low-speed mode1
μA
-40 - 105
℃
—
6
11
-40 - 125
℃
6
13
VAIN
Analog input voltage
0
0 - VDDA
VDDA
V
VAIO
Analog input offset voltage, High-speed mode
mV
-40 - 125
℃
-25
±1
25
VAIO
Analog input offset voltage, Low-speed mode
mV
-40 - 125
℃
-40
±4
40
tDHSB
Propagation delay, High-speed mode2
ns
-40 - 105
℃
—
35
200
-40 - 125
℃
35
300
tDLSB
Propagation delay, Low-speed mode2
µs
-40 - 105
℃
—
0.5
2
-40 - 125
℃
—
0.5
3
tDHSS
Propagation delay, High-speed mode3
ns
-40 - 105
℃
—
70
400
-40 - 125
℃
—
70
500
tDLSS
Propagation delay, Low-speed mode3
µs
-40 - 105
℃
—
1
5
-40 - 125
℃
—
1
5
tIDHS
Initialization delay, High-speed mode4
μs
-40 - 125
℃
—
1.5
3
tIDLS
Initialization delay, Low-speed mode4
μs
-40 - 125
℃
—
10
30
VHYST0
Analog comparator hysteresis, Hyst0
mV
-40 - 125
℃
—
0
—
VHYST1
Analog comparator hysteresis, Hyst1, High-speed
mode
mV
-40 - 125
℃
—
19
66
Analog comparator hysteresis, Hyst1, Low-speed
mode
-40 - 125
℃
—
15
40
VHYST2
Analog comparator hysteresis, Hyst2, High-speed
mode
mV
-40 - 125
℃
—
34
133
Table continues on the next page...
ADC electrical specifications
MWCT101XS Data Sheet, Rev. 3, 12/2019
NXP Semiconductors
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com