Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWCT2004AFVLLPNT Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PWCT2004AFVLLPNT
Description  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PWCT2004AFVLLPNT Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PWCT2004AFVLLPNT Datasheet HTML 36Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 37Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 38Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 39Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 40Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 41Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 42Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 43Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 65 page
background image
Table 28. Comparator with 8-bit DAC electrical specifications (continued)
Symbol
Description
Min.
Typ.
Max.
Unit
Analog comparator hysteresis, Hyst2, Low-speed
mode
-40 - 125
℃
—
23
80
VHYST3
Analog comparator hysteresis, Hyst3, High-speed
mode
mV
-40 - 125
℃
—
46
200
Analog comparator hysteresis, Hyst3, Low-speed
mode
-40 - 125
℃
—
32
120
IDAC8b
8-bit DAC current adder (enabled)
3.3V Reference Voltage
—
6
9
μA
5V Reference Voltage
—
10
16
μA
INL5
8-bit DAC integral non-linearity
–0.75
—
0.75
LSB6
DNL
8-bit DAC differential non-linearity
–0.5
—
0.5
LSB6
tDDAC
Initialization and switching settling time
—
—
30
μs
1. Difference at input > 200mV
2. Applied ± (100 mV + VHYST0/1/2/3+ max. of VAIO) around switch point.
3. Applied ± (30 mV + 2 × VHYST0/1/2/3+ max. of VAIO) around switch point.
4. Applied ± (100 mV + VHYST0/1/2/3).
5. Calculation method used: Linear Regression Least Square Method
6. 1 LSB = Vreference/256
NOTE
For comparator IN signals adjacent to VDD/VSS or XTAL/
EXTAL or switching pins cross coupling may happen and
hence hysteresis settings can be used to obtain the desired
comparator performance. Additionally, an external capacitor
(1nF) should be used to filter noise on input signal. Also, source
drive should not be weak (Signal with < 50 K pull up/down is
recommended).
ADC electrical specifications
MWCT101XS Data Sheet, Rev. 3, 12/2019
40
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com