Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM40 Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # CFM40
Description  40/60 WATT OPEN FRAME AC-DC MODULES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM40 Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  CFM40 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM40 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFM40 Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
V15
1
︳CFM40/60SSERIES
40/60 WATT OPEN FRAME
AC-DC
MODULES
Features
* Universal Input Range 90~264VAC
* 2”x 4” Size
* Industry Standard Pin Out
* Efficiency to 87%
* Continuous Short Circuit Protection
* Meets EN55032 Class B and CISPR/FCC Class B
* Approved IEC/EN/UL62368-1
CFM40 Series
CFM60 Series
MODEL
OUTPUT
VOLTAGE
OUTPUT
CURRENT
RIPPLE &
NOISE
VOLTAGE
ACCURACY
LINE
REGULATION
LOAD
REGULATION
% EFF.
(Typ.)
CFM40S033
3.3 V
6 A
50mV
±1%
±0.5%
±1%
70%
CFM40S050
5 V
6 A
1%
±1%
±0.5%
±1%
76%
CFM40S090
9 V
4.45 A
1%
±1%
±0.5%
±1%
84%
CFM40S120
12 V
3.34 A
1%
±1%
±0.5%
±1%
85%
CFM40S150
15 V
2.67 A
1%
±1%
±0.5%
±1%
85%
CFM40S240
24 V
1.67 A
1%
±1%
±0.5%
±1%
85%
CFM40S300
30 V
1.33 A
1%
±1%
±0.5%
±1%
86%
CFM40S360
36 V
1.11 A
1%
±1%
±0.5%
±1%
87%
CFM40S480
48 V
0.834 A
1%
±1%
±0.5%
±1%
87%
MODEL
OUTPUT
VOLTAGE
OUTPUT
CURRENT
RIPPLE &
NOISE
VOLTAGE
ACCURACY
LINE
REGULATION
LOAD
REGULATION
% EFF.
(Typ.)
CFM60S033
3.3 V
8 A
50mV
±1%
±0.5%
±1%
72%
CFM60S050
5 V
8 A
1%
±1%
±0.5%
±1%
77%
CFM60S090
9 V
6.67 A
1%
±1%
±0.5%
±1%
84%
CFM60S120
12 V
5 A
1%
±1%
±0.5%
±1%
85%
CFM60S150
15 V
4 A
1%
±1%
±0.5%
±1%
86%
CFM60S240
24 V
2.5 A
1%
±1%
±0.5%
±1%
86%
CFM60S300
30 V
2 A
1%
±1%
±0.5%
±1%
86%
CFM60S360
36 V
1.67 A
1%
±1%
±0.5%
±1%
88%
CFM60S480
48 V
1.25 A
1%
±1%
±0.5%
±1%
88%


Similar Part No. - CFM40

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CFM40C CINCON-CFM40C Datasheet
266Kb / 2P
40/60/100 Watt Single Output
CFM40C033-DR CINCON-CFM40C033-DR Datasheet
266Kb / 2P
40/60/100 Watt Single Output
CFM40C050-DR CINCON-CFM40C050-DR Datasheet
266Kb / 2P
40/60/100 Watt Single Output
CFM40C090-DR CINCON-CFM40C090-DR Datasheet
266Kb / 2P
40/60/100 Watt Single Output
CFM40C120-DR CINCON-CFM40C120-DR Datasheet
266Kb / 2P
40/60/100 Watt Single Output
More results

Similar Description - CFM40

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
AC05 INTRONICS-AC05 Datasheet
205Kb / 1P
5 WATT OPEN FRAME AC-DC MODULES
AC10 INTRONICS-AC10 Datasheet
425Kb / 1P
10/15 WATT OPEN FRAME AC-DC MODULES
logo
List of Unclassifed Man...
CFM1001S ETC2-CFM1001S Datasheet
547Kb / 2P
10/15 WATT OPEN FRAME AC-DC MODULES
logo
CINCON ELECTRONICS Corp...
CFM05 CINCON-CFM05 Datasheet
237Kb / 2P
5 WATT OPEN FRAME AC-DC MODULES
CFM10 CINCON-CFM10 Datasheet
401Kb / 2P
10/15 WATT OPEN FRAME AC-DC MODULES
CFM20 CINCON-CFM20 Datasheet
321Kb / 2P
20 WATT OPEN FRAME AC-DC MODULES
CFM61S CINCON-CFM61S Datasheet
593Kb / 2P
60 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM80S CINCON-CFM80S Datasheet
394Kb / 2P
80W WATT OPEN FRAME AC-DC MODULES
CFM81S CINCON-CFM81S Datasheet
536Kb / 5P
80 WATT OPEN FRAME AC-DC MODULES
CFM260S CINCON-CFM260S Datasheet
689Kb / 5P
260 WATT OPEN FRAME AC-DC MODULES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com