Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM40 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFM40
Description  40/60 WATT OPEN FRAME AC-DC MODULES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM40 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFM40 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM40 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFM40 Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
V15
2
Specifications
CFM40/60S Series Derating Curve
INPUT SPECIFICATIONS:
Voltage …....………........….......................................................... 90~264Vac
120~370Vdc
Frequency …………………………………………………………..... 47 to 63Hz
Inrush Current ……………… Cold Start@25℃ ............. 50A max. @240Vac
Leakage Current ……………………………………..….…….…… 1mA Typical
OUTPUT SPECIFICATIONS:
Holdup Time …………………………..………………...… 8ms typ. @115Vac
Short Circuit Protection …………………..…… Hiccup Mode (Auto Recover)
Over Voltage Protection ………………………….. TVS Component to Clamp
Temperature Coefficient ……………………............................... ±0.05%/℃
GENERAL SPECIFICATIONS:
Isolation ………………………..……………..…… Input to Output = 4,242VDC
Operating Temperature ................................
0 ~ 70℃(see Derating Curve)
Storage Temperature …………………………....….......…........ -20~85℃
Humidity ....................................................... 93% RH max. Non-Condensing
Cooling ………………………..………………………..... Natural Convection
Switching Frequency ……………………………….…….……. 66KHz Typical
MTBF ………….….… MIL-HDBK-217F, GB, 25℃/115VAC … 200Khrs min.
Altitude ……………………..……………………………….…….……… 2000m
Dimensions:
Open Frame ….… 4.000x2.000x1.200Inches (101.60x50.80x30.48mm)
-P …………..…… 4.000x2.000x1.275Inches (101.60x50.80x32.38mm)
Covered ….......... 4.606x2.441x1.5750Inches (117.00x62.00x40.00mm)
Weight ……………………………. CFM40/60: 170g/175g (0.38/0.39 Pounds)
CFM40/60 Covered: 210g/215g (0.46/0.47 Pounds)
SAFETY AND EMC:
Emission and Immunity ……………. EN55032 Class B, FCC Part 15 Class B
EN61000-6-3, EN61000-3-2, EN61000-3-3
EN55024, EN61204-3, EN61000-6-1
Safety ……………………………. IEC/EN/UL62368-1, IEC/EN/UL60950-1
NOTE:
1. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
ripple&noise measuring @20MHz BW.
2. Line regulation is measured from high line to low line with full load.
3. Load regulation is measured from full to 10% load.
4. Input connector mates with Molex housing 09-50-3031 and Molex
2878 series crimp terminal.
5. Output connector mates with Molex housing 09-50-3041 and Molex
2878 series crimp terminal.
6. Safety approvals do not apply to the covered versions, only to the open-
frame versions.
Open Frame versions:
CFM40S033, 40S050, 40S090, 60S033, 60S050, 60S090
0%
25%
50%
75%
100%
0
10
20
30
40
50
60
70
Ambient Temperature(
oC)
20LFM(Natural Convection)
CFM40S120, 40S150, 40S240, 40S300, 40S360, 40S480
CFM60S120, 60S150, 60S240, 60S300, 60S360, 60S480
0%
25%
50%
75%
100%
0
10
20
30
40
50
60
70
Ambient Temperature(
oC)
20LFM(Natural Convection)
Covered versions: CFM40/60XXX-CA
CFM40S120, 40S150, 40S240, 40S300, 40S360, 40S480
0%
25%
50%
75%
100%
0
10
20
30
40
50
60
70
Ambient Temperature(
oC)
20LFM(Natural Convection)
CFM40S033, CFM40S050, CFM60S033, CFM60S050
0%
25%
50%
75%
100%
0
10
20
30
40
50
60
70
Ambient Temperature(
oC)
20LFM(Natural Convection)
CFM40S090, 60S090, 60S120, 60S150, 60S240, 60S300
CFM60S360, 60S480
0%
25%
50%
75%
100%
0
10
20
30
40
50
60
70
Ambient Temperature(
oC)
20LFM(Natural Convection)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com