Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM40 Datasheet(PDF) 3 Page - CINCON ELECTRONICS Corporation

Part # CFM40
Description  40/60 WATT OPEN FRAME AC-DC MODULES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM40 Datasheet(HTML) 3 Page - CINCON ELECTRONICS Corporation

  CFM40 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM40 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFM40 Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
V15
3
Mechanical Specification
LED
VR
4.000 [101.60]
0.150 [3.80]
0.150 [3.80]
4-
Φ0
.12
5 [
Φ3
.18
]
0.039 [1.00]
0.071 [1.80]
-Vout
+Vout
ACL
ACN
3.520 [89.40]
0.246 [6.25]
Tolerance:Inches:X.XXX±0.02
All Dimensions are in inches(mm)
Millimeters:X.XX±0.5
ACN
ACL
Vout(+)
Vout(-)
LED
VR
4.000 [101.60]
0.150 [3.80]
3.701 [94.00]
0.150 [3.80]
4-
Φ0
.12
5 [
Φ3
.18
]
CFM40SXXX-P/CFM60SXXX-P
(Input and Output connector with PIN)
CFM40SXXX/CFM60SXXX
4.606 [117.00]
0.846 [21.50]
0.236 [6.00]
2.362 [60.00]
2.441 [62.00]
0.236 [6.00]
M3
x0
.5*
4
0.039 [1.00]
3.701 [94.00]
CFM40SXXX/CFM60SXXX-CA
PE
PE
PE
PE
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com