Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVC8 Datasheet(PDF) 4 Page - GREEGOO Electric Co.,Ltd

Part # EVC8
Description  Vacuum Contactors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREEGOO [GREEGOO Electric Co.,Ltd]
Direct Link  https://www.greegoo.com/
Logo GREEGOO - GREEGOO Electric Co.,Ltd

EVC8 Datasheet(HTML) 4 Page - GREEGOO Electric Co.,Ltd

  EVC8 Datasheet HTML 1Page - GREEGOO Electric Co.,Ltd EVC8 Datasheet HTML 2Page - GREEGOO Electric Co.,Ltd EVC8 Datasheet HTML 3Page - GREEGOO Electric Co.,Ltd EVC8 Datasheet HTML 4Page - GREEGOO Electric Co.,Ltd EVC8 Datasheet HTML 5Page - GREEGOO Electric Co.,Ltd EVC8 Datasheet HTML 6Page - GREEGOO Electric Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Greegoo Electric Co.,Ltd
Add:Jinye Mansion, Lvzhuang, Liushi, Yueqing, Zhejiang, 325604 P.R. China
m
o
c
.
o
o
g
e
e
r
g
@
r
e
t
e
p
:l
i
a
m
-
E
m
o
c
.
o
o
g
e
e
r
g
.
w
w
w
//
:
e
g
a
p
e
m
o
H
4
Vacuum Contactors
EVC8 Series
Tel: +86 577 62776000 Fax: +86 577 62776006
5 Installation and maintenance
5.1 Installation
a The contactor should be installed as per the normal working position,
of which the inclination angle not exceeds 5°.
b Correctly make electric wiring; pay attention to that the control power
supply voltage to be in compliance with the control voltage of the con-
tactor.
5.2 The contactor regular maintenance should be determined by the
environment of the workplace, operating frequency, run life endures
and other factors. For the good environmental and not frequent opera-
tional conditions, it is recommended to conduct regular maintenance
after one year, and conduct a regular maintenance after 1 or 1.5 years.
All equipment maintenance should be recorded. For the poor environ-
mental and particularly frequent operational conditions, appearance
inspection and dedusting is needed every six months.
6 Transportation & Storage
6.1 During the transportation process the contactor should not be con-
verted, turned over, strongly vibrated/shocked and collided.
6.2 During the transportation and storage process of the contactor, it
cannot suffer the invasion of rain and snow. It should be stored in the
warehouse without the invasion of rain and snow, with circulating air,
and relative humidity of air not exceeding 85%, and air temperature not
higher than +40℃ and not lower than -25℃.
7 Unpack & inspection
7.1 Inspect the package for its completeness, and check it for damage.
7.2 Check the contactor if comply with the purchase order, and check
the spare parts
and attached document if comply with the packing list.
7.3 Make corresponding inspection to the contactor.
8 Documents going with the contactor
a. Operating instruction;
b. Test record
.
9 Notice when placing the order
9.1 Please state the following when placing the order:
a. Title, model/specification of the product;
b. Rated voltage, rated current and rated control voltage;
c. Quantity of product and spare parts;
d. Other special requirement.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com