Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVC8 Datasheet(PDF) 1 Page - GREEGOO Electric Co.,Ltd

Part # EVC8
Description  Vacuum Contactors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREEGOO [GREEGOO Electric Co.,Ltd]
Direct Link  https://www.greegoo.com/
Logo GREEGOO - GREEGOO Electric Co.,Ltd

EVC8 Datasheet(HTML) 1 Page - GREEGOO Electric Co.,Ltd

  EVC8 Datasheet HTML 1Page - GREEGOO Electric Co.,Ltd EVC8 Datasheet HTML 2Page - GREEGOO Electric Co.,Ltd EVC8 Datasheet HTML 3Page - GREEGOO Electric Co.,Ltd EVC8 Datasheet HTML 4Page - GREEGOO Electric Co.,Ltd EVC8 Datasheet HTML 5Page - GREEGOO Electric Co.,Ltd EVC8 Datasheet HTML 6Page - GREEGOO Electric Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Greegoo Electric Co.,Ltd
Add:Jinye Mansion, Lvzhuang, Liushi, Yueqing, Zhejiang, 325604 P.R. China
m
o
c
.
o
o
g
e
e
r
g
@
r
e
t
e
p
:l
i
a
m
-
E
m
o
c
.
o
o
g
e
e
r
g
.
w
w
w
//
:
e
g
a
p
e
m
o
H
1
Vacuum Contactors
EVC8 Series
Tel: +86 577 62776000 Fax: +86 577 62776006
GENERAL
1.NORMAL WORKING CONDITIONS
2. Type and specification of the product
EVC 8 -12 D/ D 800
EVC8 series AC high voltage vacuum contactor adopts the complete
frame structure and upper and lower arrangement, with good appear-
ance and meet the electric/mechanical features. It is suitable for the AC
electric system, of which need large mount of making/breaking opera-
tion, the frequency is 50~60 Hz, rated working voltage is up to 12 kV
and rated working current is up to 1250 A for frequent operation. It is
especially suitable for the frequently operated electric control applica-
tions such as electric motors, transformers and capacitors etc. It has
such advantages as reliable and safe operation, long lifetime and less
maintenance etc. It will make apparent economic benefits when using
it to substitute the regular electric apparatus.
1.1 Ambient temperature: Maximum ambient air temperature not
exceeds +40℃; averaged air temperature within 24 hours not
exceeds +35℃; minimum ambient temperature to be not lower than
-15℃.
1.2 Altitude above sea level: altitude above sea level of the installation
place not exceeds 1,000 m.
1.3 Relative humidity: relative humidity of the atmospheric air not
exceeds 50% when the ambient air temperature is +40℃; higher rela-
tive humidity is allowed when the air temperature is lower, daily aver-
aged relative humidity not exceeds 95%; maximum monthly averaged
relative humidity is 90% when the averaged air temperature is + 20 ℃
in most humid months. Having taken into account the condensation
dew on the surface of the product due to the temperature variation.
1.4 Working conditions: the places where are without the invasion of
rain or snow, without open fire and explosive danger, without chemical
corrosions and strong vibration.
1.5 Installation conditions: inclination angle of the installed plane with
the vertical plane not exceeds 5°.
1.6 Contamination class: class Ⅱ.
Rated working current (A)
Electro-magnetic operating mechanism
D: electric maintaining type
J: mechanical maintaining type
Rated working voltage (kV)
Design sequence No.
AC vacuum contactor


Similar Part No. - EVC8

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
EVC-250 TEC-EVC-250 Datasheet
299Kb / 3P
Limiting continuous current 250A at 85째C
logo
GREEGOO Electric Co.,Lt...
EVC1-630A GREEGOO-EVC1-630A Datasheet
546Kb / 6P
Single Phase Vacuum Contactor/EVC1-630A
logo
Sensata Technologies, I...
EVCC SENSATA-EVCC Datasheet
178Kb / 1P
ELECTRIC VEHICLE COMMUNICATION CONTROLLER
Rev:06/11/24
logo
Littelfuse
EVCC-01 LITTELFUSE-EVCC-01 Datasheet
879Kb / 4P
EVCC-01 Series
Revised: 11/12/2025
logo
Schneider Electric
EVCP040D7IP31 SCHNEIDER-EVCP040D7IP31 Datasheet
97Kb / 2P
Electronic VAR control 40 amp 600-690 VAC IP31 Enclosure
More results

Similar Description - EVC8

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
100S-D ALLEN-BRADLEY-100S-D Datasheet
86Kb / 8P
Safety Contactors
logo
List of Unclassifed Man...
LC1-D40 ETC1-LC1-D40 Datasheet
271Kb / 8P
CONTACTORS / REVERSING CONTACTORS
logo
Telecommunication Elec...
LAD8N20 TELTRON-LAD8N20 Datasheet
372Kb / 12P
TeSys contactors
logo
List of Unclassifed Man...
V201K4CJ ETC2-V201K4CJ Datasheet
425Kb / 10P
Vacuum Contactors & Starters
logo
Zhejiang DongYa Electro...
BZJ-200A DONGYA-BZJ-200A Datasheet
207Kb / 1P
NC Contactors
ZLJM-300C DONGYA-ZLJM-300C Datasheet
301Kb / 1P
Latch contactors
ZLJM-400C DONGYA-ZLJM-400C Datasheet
319Kb / 1P
Latch contactors
logo
GREEGOO Electric Co.,Lt...
GVC1-400A GREEGOO-GVC1-400A Datasheet
444Kb / 4P
Vacuum Contactors
GVC6-400 GREEGOO-GVC6-400 Datasheet
215Kb / 2P
Vacuum Contactors
GVC611-2000 GREEGOO-GVC611-2000 Datasheet
458Kb / 6P
Vacuum Contactors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com