Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVC8 Datasheet(PDF) 2 Page - GREEGOO Electric Co.,Ltd

Part # EVC8
Description  Vacuum Contactors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREEGOO [GREEGOO Electric Co.,Ltd]
Direct Link  https://www.greegoo.com/
Logo GREEGOO - GREEGOO Electric Co.,Ltd

EVC8 Datasheet(HTML) 2 Page - GREEGOO Electric Co.,Ltd

  EVC8 Datasheet HTML 1Page - GREEGOO Electric Co.,Ltd EVC8 Datasheet HTML 2Page - GREEGOO Electric Co.,Ltd EVC8 Datasheet HTML 3Page - GREEGOO Electric Co.,Ltd EVC8 Datasheet HTML 4Page - GREEGOO Electric Co.,Ltd EVC8 Datasheet HTML 5Page - GREEGOO Electric Co.,Ltd EVC8 Datasheet HTML 6Page - GREEGOO Electric Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3. Structure &working principle
Greegoo Electric Co.,Ltd
Add:Jinye Mansion, Lvzhuang, Liushi, Yueqing, Zhejiang, 325604 P.R. China
m
o
c
.
o
o
g
e
e
r
g
@
r
e
t
e
p
:l
i
a
m
-
E
m
o
c
.
o
o
g
e
e
r
g
.
w
w
w
//
:
e
g
a
p
e
m
o
H
2
Vacuum Contactors
EVC8 Series
Tel: +86 577 62776000 Fax: +86 577 62776006
3.1 Structure and working principle
The high voltage main circuit and low voltage control circuit are
arranged in upper and lower sections. This arrangement mode looks
apparently, safe, reliable and convenient for installing and maintaining.
The contactor is mainly composed of vacuum arc-extinguishing cham-
ber, insulating frame, insulator, open/close operating mechanism, elec-
tro-magnet and bottom plate; while for the mechanical holding type, the
mechanical interlock mechanism should be assembled relatively.
The moving current-conducting rod of three-phase vacuum arc-extin-
guishing chamber is connected with the connecting lever by means of
three insulators; the connecting lever and the moving armature is
fixed/secured on the square axle. For the electric holding type, attract-
ing and releasing of the armature by the electro-magnetic coil drives
the making and breaking process of the moving contacts in the vacuum
switch tube. For the mechanical holding type, attracting of the moving
armature by the electro-magnetic coil drives the making process of the
moving contacts, and the mechanical locking mechanism keeps with
the state of closing; the breaking coil forces the mechanical locking
mechanism to release and the moving armature drives the moving
contacts to open by the function of opening coil. As making/breaking
process of the contacts is carried out in the vacuum space, therefore,
it has excellent switching characteristics, with long lifetime, both safe
and reliable. Its control circuits provide the rectifying equipment and
the changeover of picking up and holding of the electro-magnetic coil.
It also provides the auxiliary switch of 3a+3b for the user.
3.2 Vacuum arc-extinguishing chamber
Inside the vacuum arc-extinguishing chamber of the glass or ceramic
enclosure is installed one pair of contacts, made of wear-resistant and
low current-cutting off material, which can satisfy both the breaking
performance and reducing the over-voltage caused due to the cutoff
current, and raise the lifetime of the arc-extinguishing chamber. Bellow
inside the arc-extinguishing chamber has the function of separating
the atmospheric air and making the moving contacts to be able to
make axial motion, thus cannot rotate the moving conducting rod;
otherwise the bellow will be damaged due to the twist of the rod.
WARNING: Vacuum arc-extinguishing chamber is the functional actu-
ating component of the contactor. Do not impact it by the external
force; otherwise the complete contactor will be damaged/wasted.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com