Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC2913
Description  100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2913 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC2913 Datasheet HTML 2Page - Analog Devices LTC2913 Datasheet HTML 3Page - Analog Devices LTC2913 Datasheet HTML 4Page - Analog Devices LTC2913 Datasheet HTML 5Page - Analog Devices LTC2913 Datasheet HTML 6Page - Analog Devices LTC2913 Datasheet HTML 7Page - Analog Devices LTC2913 Datasheet HTML 8Page - Analog Devices LTC2913 Datasheet HTML 9Page - Analog Devices LTC2913 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LTC4368
6
Rev. B
For more information www.analog.com
FAULT Output Current vs Voltage
UV/OV Propagation Delay vs
Overdrive
GATE Turn-On Delay Time vs VIN
∆VRR Threshold vs VOUT
FAULT Leakage vs Temperature
UV, OV Thresholds vs
Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = VOUT = 12V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
492
496
500
504
508
4368 G09
125°C
25°C
–45°C
VIN = 12V
VOUT (V)
0
10
20
30
40
50
60
30
48
66
84
102
120
4368 G10
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–2
0
2
4
6
8
10
4368 G11
VIN = 12V
FAULT = 5V
125°C
25°C
–45°C
VIN = 12V
UV = SHDN = 0V
VOL (V)
0
2
4
6
8
10
12
0
6
12
18
24
30
4368 G12
VIN = VOUT = 12V
TA = 25°C
OVERDRIVE (mV)
1
10
100
1k
0
10
20
30
40
50
4368 G13
TA = 125°C
TA = 25°C
TA = –45°C
VIN (V)
0
10
20
30
40
50
60
0
10
20
30
40
50
4368 G14
VOUT
VIN
GATE
DUAL Si7942
1k, 10µF LOAD ON VOUT
5ms/DIV
20V/DIV
1V/DIV
4368 G15
GND
GND
GATE
VOUT
SHDN
400µs/DIV
3V/DIV
GND
5V/DIV
4368 G16
VIN = 12V
DUAL Si7942 MOSFET
100µF, 12Ω LOAD
SHDN
GATE
VOUT
DUAL Si7942 MOSFET
100µF, 12Ω LOAD
VIN = 12V
400µs/DIV
5V/DIV
GND
3V/DIV
4368 G17
AC Blocking
Turn-On Timing
Turn-Off Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com