Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC2913
Description  100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2913 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC2913 Datasheet HTML 14Page - Analog Devices LTC2913 Datasheet HTML 15Page - Analog Devices LTC2913 Datasheet HTML 16Page - Analog Devices LTC2913 Datasheet HTML 17Page - Analog Devices LTC2913 Datasheet HTML 18Page - Analog Devices LTC2913 Datasheet HTML 19Page - Analog Devices LTC2913 Datasheet HTML 20Page - Analog Devices LTC2913 Datasheet HTML 21Page - Analog Devices LTC2913 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LTC4368
22
Rev. B
For more information www.analog.com
ANALOG DEVICES, INC. 2017-2019
D17021-0-6/18(B)
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
LTC2966 Extends UV/OV Hysteresis Window
PART NUMBER
DESCRIPTION
COMMENTS
LTC4365
Overvoltage, Undervoltage and Reverse Supply
Protection Controller
Wide Operating Range: 2.5V to 34V, Protection Range: –40V to 60V,
No TVS Required for Most Applications
LTC4367
100V Overvoltage, Undervoltage and Reverse Supply
Protection Controller
Wide Operating Range: 2.5V to 60V, Protection Range: –40V to 100V,
No TVS Required for Most Applications
LT4363
High Voltage Surge Stopper with Current Limit
Wide Operating Range: 4V to 80V, Reverse Protection to –60V, Adjustable
Output Clamp Voltage
LTC4380
8µA IQ Surge Stopper
4V to 72V Operation, Pin Selectable Clamp Voltage
LTC4364
Surge Stopper with Ideal Diode
4V to 80V Operation, –40V Reverse Input, –20V Reverse Output
LTC4366
High Voltage Surge Stopper
9V to >500V Operation, 8-Pin TSOT and 3mm × 2mm DFN Packages
LTC4361
Overvoltage/Overcurrent Protection Controllers
5.8V Overvoltage Threshold, 85V Absolute Maximum
LTC2909
Triple/Dual Inputs UV/OV Negative Monitor
Pin Selectable Input Polarity Allows Negative and OV Monitoring
LTC2912/LTC2913
Single/Dual UV/OV Voltage Monitor
Adjustable UV and OV Trip Values, ±1.5% Threshold Accuracy
LTC2914
Quad UV/OV Monitor
For Positive and Negative Supplies
LTC2955
Pushbutton On/Off Controller
Automatic Turn-On, 1.5V to 36V Input, ±36V PB Input
LT4256
Positive 48V Hot Swap Controller with
Open-Circuit Detect
Foldback Current Limiting, Open-Circuit and Overcurrent Fault Output,
Up to 80V Supply
LTC4260
Positive High Voltage Hot Swap Controller with
ADC and I2C
Wide Operating Range 8.5V to 80V
LTC4352
Ideal Diode Controller
External N-Channel MOSFETs Replace ORing Diodes, 0V to 18V Operation
LTC4371
Dual Negative Voltage Ideal Diode-OR Controller
External N-Channel MOSFETs, –4.5V to > –100V Operation
LTC4355
Dual Positive Voltage Ideal Diode-OR Controller
External N-Channel MOSFETs, 0.4µs Turn-Off, 80V Operation
LT1913
Step-Down Switching Regulator
3.6V to 25V Input, 3.5A Maximum Current, 200kHz to 2.4MHz
4368 TA02
REF
200k
1.96k
301k
698k
1nF
301k
150k
750k
INHA
INLA
LTC2966
U1
INHB
INLB
VINA
VINB
OUTA
OUTB
PSA
RS1A
RS2A
PSB
RS1B
RS2B
GND
100k
100k
VIN
12V
Si7942DP
100µF
510k
+
RETRY
VOUT
FAULT
LTC4368-2
U2
SENSE
VIN
UV
OV
SHDN
GATE
GND
VOUT
0.02
3.3nF
22k
100k
UV: OFF AT 7V
ON AT 10V
OV: OFF AT 18V
ON AT 15V
0.22µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com