Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC2913
Description  100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2913 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC2913 Datasheet HTML 5Page - Analog Devices LTC2913 Datasheet HTML 6Page - Analog Devices LTC2913 Datasheet HTML 7Page - Analog Devices LTC2913 Datasheet HTML 8Page - Analog Devices LTC2913 Datasheet HTML 9Page - Analog Devices LTC2913 Datasheet HTML 10Page - Analog Devices LTC2913 Datasheet HTML 11Page - Analog Devices LTC2913 Datasheet HTML 12Page - Analog Devices LTC2913 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LTC4368
9
Rev. B
For more information www.analog.com
OPERATION
Many of today’s electronic systems get their power from
external sources such as wall adapters, batteries and cus-
tom power supplies. Figure 1 shows a supply arrange-
ment using a DC barrel connector. Power is supplied by
an AC adapter or, if the plug is withdrawn, by a removable
battery. Note that the polarity of the AC adapter and barrel
connector varies by manufacturer. Trouble arises when
any of the following occurs:
• The battery is installed backwards
• A wall adapter of opposite polarity is attached
• A wall adapter of excessive voltage is attached
• A wall adapter with an AC output is attached
• The battery is discharged below a safe level
• The load or the input is shorted to ground or to
another supply
• Excessive current flows from the supply to the load
or from the load to the supply
These conditions, if unchecked, can damage electronic
systems and their connectors. Damage can take the form
Figure 1. Polarity Protection for DC Barrel Connectors
of a single catastrophic event, or over time as devices
degrade from repeated overstress.
The LTC4368 limits these errant overvoltage and overcur-
rent conditions and helps extend the life of the electronic
systems it protects. When the part detects an overcurrent
or overvoltage fault, it isolates the input supply from the
load by turning off the external back-to-back MOSFETs.
The LTC4368 provides accurate overvoltage and under-
voltage comparators to ensure that power is applied to
the load only if the input supply meets the user selectable
voltage window. Additionally, two accurate overcurrent
comparators disconnect the load from the supply when
excessive current flows in either the forward (+50mV/
RSENSE) or reverse (–50mV or –3mV/RSENSE) direction.
Reverse supply voltage protection circuits automatically
isolate the load from negative input voltages. During nor-
mal operation, a high voltage charge pump enhances the
gate of dual external N-channel power MOSFETs, thus
providing a low loss path for qualified power. Power con-
sumption is 5µA during shutdown and 80µA while operat-
ing. The LTC4368 integrates all these functions in small
10-lead 3mm × 3mm DFN and MSOP packages.
+50mV
–3mV
BATTERY
–40V TO 100V PROTECTION RANGE
AC
ADAPTER
INPUT
OV, UV PROTECTION
THRESHOLDS SET TO
SATISFY LOAD CIRCUIT
+
–
2.5V TO 60V
OPERATING RANGE
LOAD
CIRCUIT
VIN
UV
OV
RETRY
SHDN
4368 F01
VOUT
FAULT
GATE
BI-DIRECTIONAL
OVERCURRENT PROTECTION
GND
LTC4368-2
R4
R3
R2
R1
CGATE
SENSE
M1
M2
INRUSH
CONTROL
RGATE
CRETRY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com