Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP10DA Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TP10DA
Description  10W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP10DA Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TP10DA Datasheet HTML 1Page - Toppower Electronic Technology Limited TP10DA Datasheet HTML 2Page - Toppower Electronic Technology Limited TP10DA Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TP10DA SERIES
www.gztoppower.com
TEL:0086-20-62162688
Email:sales2@gztoppower.com
page3 /3
STEMPERATURE DERATING GR
RECOMMEND APPLICATION CIRCUIT:
SELECTION Reference
Input
External
capacitor C1
Dual
output
External
capacitor C2
24VDC
47uF
±12VDC
100uF
USING ATTENTIONS
Try to avoid no-load use: when the load power consumption is less than 5% of the rated output power of the module, it is recommended to connect a dummy
load to the output terminal or choose a module with a lower rated power. The dummy load (resistance) can be 5-10% of the rated power of the module, resistance
value=U2/(5%*10W)
The output external capacitor should not be too large:The output capacitor should not be too large, otherwise it will easily cause overcurrent or poor startup
when the module starts. The specific selection should be based on the external capacitor table.
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com