Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP10DA Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP10DA
Description  10W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP10DA Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP10DA Datasheet HTML 1Page - Toppower Electronic Technology Limited TP10DA Datasheet HTML 2Page - Toppower Electronic Technology Limited TP10DA Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP10DA SERIES
www.gztoppower.com
TEL:0086-20-62162688
Email:sales2@gztoppower.com
page1 /3
DESCRIPTION:
The rated output power of TP08DA converters is 10W, 2:1 wide input Voltage range,the voltage range
is 18V-36V, with Continuous SC protection,it can be widely used in telecommunications, railway
transportation, automation ,instruments and etc.
10W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
GENERAL CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Isolation voltage
Input to Output ,(test 1min. leakage current<1MA)
1500
VDC
Isolation resistance
500VDC
1000
MΩ
Storage humidity
No condensation
5
95
%
Operation temperature
-40
85
℃
Storage temperature
-55
125
℃
Case temperature rise during operation
25
35
℃
Pin solder-resistance temperature
The solder joint is 1.5MM from the case, 10 seconds
300
Output SC protection
Continuous SC protection,Auto recovery
MTTF
100
10Khrs
Net weight
18
G
Cooling
Free air convection
Case material
Metal case
OUTPUT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Output power
0.5
10
W
Main Output positive voltage accuracy
±1.0
±2.0
%
Auxiliary Output negative voltage accuracy
±2.0
±3.0
%
Line regulation (Main)
@ rated load,input voltage from low to high
±0.5
±1.0
%
Line regulation(Auxiliary)
@ rated load,input voltage from low to high
±1
±2
%
Load regulation
(Main)
@ nominal input,load varies from 5% to 100%
±0.5
±1.0
%
Load regulation (Auxiliary)
@ nominal input,load varies from 5% to 100%
±1.0
±2.0
%
Temperature coefficient
@ rated load
±0.03
%/℃
Ripple and noise (Main)
20MHz bandwidth,Parallel line method
30
80
mVp-p
Ripple and noise
(Auxiliary)
20MHz bandwidth,Parallel line method
50
100
mVp-p
Switch frequency
@ rated input voltage
300
KHz
FEATURES
High efficiency,low Ripple&Noise
Wide input Voltage range 2:1
Continuous SC protection,Auto recovery
Operating temperature: -40℃ to 85℃
Two isolated outputs
High reliability(MTTF≥100MHours)
Universal standard pinout
1.5KVDC isolation
/
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency(Typ)
%
Maximum capacitive
load(uF)
voltage (VDC)
voltage(VDC)
Current (A)
Rated
Range
TP10DA24D12
24(2:1)
18-36
±12
±0.417
86
470
Case temperature under shall not exceed the maximum case temperature level.
TOPPOWER


Similar Part No. - TP10DA

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP10DB TOPPOWER-TP10DB Datasheet
164Kb / 2P
10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB TOPPOWER-TP10DB Datasheet
688Kb / 2P
10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB TOPPOWER-TP10DB Datasheet
648Kb / 2P
10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB12S05 TOPPOWER-TP10DB12S05 Datasheet
688Kb / 2P
10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB12S05 TOPPOWER-TP10DB12S05 Datasheet
648Kb / 2P
10W 1.5KVDC Wide Voltage Input DC/DC Converters
More results

Similar Description - TP10DA

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP10DC TOPPOWER-TP10DC Datasheet
416Kb / 4P
10W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP10DB TOPPOWER-TP10DB Datasheet
164Kb / 2P
10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP100DH TOPPOWER-TP100DH Datasheet
741Kb / 3P
100W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP40DG TOPPOWER-TP40DG_19 Datasheet
741Kb / 4P
40W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DC TOPPOWER-TP15DC_19 Datasheet
768Kb / 4P
15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP06DA_19 TOPPOWER-TP06DA_19_05 Datasheet
263Kb / 4P
6W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP10DB TOPPOWER-TP10DB_V01 Datasheet
688Kb / 2P
10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP20DD TOPPOWER-TP20DD_V01 Datasheet
811Kb / 4P
20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP10DB TOPPOWER-TP10DB_V02 Datasheet
648Kb / 2P
10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP50DG TOPPOWER-TP50DG Datasheet
388Kb / 2P
50W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com