Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP10DA Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP10DA
Description  10W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP10DA Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP10DA Datasheet HTML 1Page - Toppower Electronic Technology Limited TP10DA Datasheet HTML 2Page - Toppower Electronic Technology Limited TP10DA Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP10DA SERIES
www.gztoppower.com
TEL:0086-20-62162688
Email:sales2@gztoppower.com
page2 /3
DERATING CURVE
MECHANICAL DIMENSIONS
PIN DESIGN
DIP package
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
MODEL SELECTION
TP 10
D
A
24
D 12
W
W:4:1 Wide voltage input range
Output voltage
S:single output
D:Dual output
Input Rated Voltage
Package type
DC-DC
Output rated power
Brand name
Pin standard:
φ 0.6mm
Grid spacing: 2.54mm (0.1inch)
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com