Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR5021 Datasheet(PDF) 2 Page - PREMA Semiconductor.

Part # PR5021
Description  3 compact Silicon Junctions on a single Die
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR5021 Datasheet(HTML) 2 Page - PREMA Semiconductor.

  PR5021 Datasheet HTML 1Page - PREMA Semiconductor. PR5021 Datasheet HTML 2Page - PREMA Semiconductor. PR5021 Datasheet HTML 3Page - PREMA Semiconductor. PR5021 Datasheet HTML 4Page - PREMA Semiconductor. PR5021 Datasheet HTML 5Page - PREMA Semiconductor. PR5021 Datasheet HTML 6Page - PREMA Semiconductor. PR5021 Datasheet HTML 7Page - PREMA Semiconductor. PR5021 Datasheet HTML 8Page - PREMA Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Photodiode PR5020/21
Electrical and optical Characteristics
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min
Max
Units
VC-A
V(C1, C2, C3) — V(A)
-0.3
35
V
TA
operating ambient temperature
-40
85
°C
TS
storage temperature
-40
85
°C
Tpeak
soldering peak temperature
260
°C
Ptot
total power dissipation
100
mW
ELECTRICAL CHARACTERISTICS
Ta = 27°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tamb
operating temperature range
-40
85
°C
Vr (C-A)
reverse voltage V(C1, C2, C3) - V(A)
30
V
APD
active area (geometrical)
PR5020
PR5021
C1/C3
C2
C1/C3
C2
0.246
0.496
0.394
0.195
mm²
mm²
mm²
mm²
Id/A
dark current
@ Vr (C-A) = 1 V & Tamb = 60°C
PR5020
PR5021
C1/C3
C2
C1/C3
C2
33
52
47
28
pA
pA
pA
pA
Id/A
dark current
@ Vr (C-A) = 30 V & Tamb = 60°C
PR5020
PR5021
C1/C3
C2
C1/C3
C2
78
125
110
71
pA
pA
pA
pA
∆Id/∆T temperature coefficient of Id
@ Tamb > 60°C
Vr (C-A) = 1 V
Vr (C-A) = 30 V
13
12
%/K
%/K
λpeak
peak sensitivity wavelength
830
nm
Speak
peak sensitivity
0.58
A/W
Cj0
zero-bias junction capacitance,
f = 1 MHz
PR5020
PR5021
C1/C3
C2
C1/C3
C2
39
77
62
32
pF
pF
pF
pF
© PREMA Semiconductor GmbH 2018 I rev. 5119
Page 2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com