Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR5021 Datasheet(PDF) 5 Page - PREMA Semiconductor.

Part # PR5021
Description  3 compact Silicon Junctions on a single Die
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR5021 Datasheet(HTML) 5 Page - PREMA Semiconductor.

  PR5021 Datasheet HTML 1Page - PREMA Semiconductor. PR5021 Datasheet HTML 2Page - PREMA Semiconductor. PR5021 Datasheet HTML 3Page - PREMA Semiconductor. PR5021 Datasheet HTML 4Page - PREMA Semiconductor. PR5021 Datasheet HTML 5Page - PREMA Semiconductor. PR5021 Datasheet HTML 6Page - PREMA Semiconductor. PR5021 Datasheet HTML 7Page - PREMA Semiconductor. PR5021 Datasheet HTML 8Page - PREMA Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Photodiode PR5020/21
Application Notes
CHANNEL SEPARATION
The crossover of a light beam between photo-
diodes is illustrated. Increments of 10 µm were
performed using red light and a diameter of
50 µm. The position of 0 µm corresponds to the
center of the die. The photocurrent was mea-
sured with zero applied voltage.
Considering a gap between the photodiodes of
27 µm, the observed behaviour is consistent
with a sharp channel separation.
POSITION DETECTION
By shining light on aperture, the passing light
can be detected. As given in the schematics
above, three different segments can be
resolved using PR5020/21. Due to the geometry
of the photodiodes, the position of the aperture
can be detected as given in the diagram.
Of course, the principle can be transferred to
encoder discs to obtain angular resolution:
© PREMA Semiconductor GmbH 2018 I rev. 5119
Page 5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com