Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR5021 Datasheet(PDF) 3 Page - PREMA Semiconductor.

Part # PR5021
Description  3 compact Silicon Junctions on a single Die
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR5021 Datasheet(HTML) 3 Page - PREMA Semiconductor.

  PR5021 Datasheet HTML 1Page - PREMA Semiconductor. PR5021 Datasheet HTML 2Page - PREMA Semiconductor. PR5021 Datasheet HTML 3Page - PREMA Semiconductor. PR5021 Datasheet HTML 4Page - PREMA Semiconductor. PR5021 Datasheet HTML 5Page - PREMA Semiconductor. PR5021 Datasheet HTML 6Page - PREMA Semiconductor. PR5021 Datasheet HTML 7Page - PREMA Semiconductor. PR5021 Datasheet HTML 8Page - PREMA Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Photodiode PR5020/21
Dark Current
MEASUREMENT SETUP
Dark currents of the C1-, C2- and C3-photodiode
are measured as a function of reverse voltage
and temperature. The substrate (A) is connec-
ted to ground, while a positive voltage is ap-
plied to Cx. The dark currents of Cx are meas-
ured at each pin separately.
OVER TEMPERATURE
Dark currents for photodiodes of different size
in PR5020 are shown at reverse voltages of 1 V
(blue) and 30 V (orange). In general, dark cur-
rents rise by approximately a factor 10 every
20 °C. Due to edge effects, bigger photodiodes
show a smaller leakage current per area.
AS A FUNCTION OF REVERSE VOLTAGE
The following diagram shows the dependency
of dark currents of the smaller C1/C3 (lower
curves) and the bigger C2 (upper curve) of
PR5020 on reverse voltage at different temper-
atures.
© PREMA Semiconductor GmbH 2018 I rev. 5119
Page 3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com