Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA-LN04-RJ Datasheet(PDF) 1 Page - Moxa Inc.

Part # DA-LN04-RJ
Description  8-port unmanaged switch ports, and 4-port 100 Mbps fiber LAN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

DA-LN04-RJ Datasheet(HTML) 1 Page - Moxa Inc.

  DA-LN04-RJ Datasheet HTML 1Page - Moxa Inc. DA-LN04-RJ Datasheet HTML 2Page - Moxa Inc. DA-LN04-RJ Datasheet HTML 3Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.moxa.com
1
DA-682A-Ethernet Series Expansion
Modules
Expansion modules with 4-port 10/100 Mbps LAN, 8-port unmanaged switch ports, and 4-
port 100 Mbps fiber LAN
Features and Benefits
•
4-port 10/100 Mbps LAN module
•
4-port 100 Mbps Fiber LAN module
•
8-port 10/100 Mbps unmanaged switch module
Introduction
The DA-682A-Ethernet Series expansion modules include a 4-port LAN module, 8-port switch module, and 4-port fiber LAN module for setting up
industrial communication applications with Ethernet-based devices. All modules are designed to offer the greatest flexibility for setting up
applications and performing industrial tasks. In particular, users can swap out modules quickly and easily.
Appearance
DA-LN04-RJ
DA-FX04-MM-ST-T
DA-SW08-RJ


Similar Part No. - DA-LN04-RJ

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
DA-014-12-02 LSTD-DA-014-12-02 Datasheet
605Kb / 2P
Thermoelectric Assembly
logo
List of Unclassifed Man...
DA-02 ETC2-DA-02 Datasheet
442Kb / 6P
DS, DP, DA Series
DA-02-T ETC2-DA-02-T Datasheet
442Kb / 6P
DS, DP, DA Series
logo
Laird Tech Smart Techno...
DA-020-12-02 LSTD-DA-020-12-02 Datasheet
878Kb / 2P
Precise temperature control
DA-024-12-02 LSTD-DA-024-12-02 Datasheet
879Kb / 2P
Precise temperature control
More results

Similar Description - DA-LN04-RJ

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MDS108A ZARLINK-MDS108A Datasheet
308Kb / 37P
Unmanaged 9-Port 10/100 Mbps Ethernet Switch
MDS105 ZARLINK-MDS105 Datasheet
307Kb / 35P
Unmanaged 5-Port 10/100 Mbps Ethernet Switch
MVTX2601 ZARLINK-MVTX2601 Datasheet
686Kb / 91P
Unmanaged 24-Port 10/100 Mbps Ethernet Switch
MVTX2801 ZARLINK-MVTX2801 Datasheet
1Mb / 106P
Unmanaged 4-Port 1000 Mbps Ethernet Switch
MVTX2803 ZARLINK-MVTX2803 Datasheet
1Mb / 127P
Unmanaged 8-Port 1000 Mbps Ethernet Switch
logo
List of Unclassifed Man...
BS-2108U ETC2-BS-2108U Datasheet
414Kb / 2P
8-port Unmanaged Layer 2 100/10 Mbps Switch
BS-2116U ETC2-BS-2116U Datasheet
475Kb / 2P
16-port Unmanaged Layer 2 100/10 Mbps Switch
logo
Tripp Lite. All Rights ...
NFI-U08-2 TRIPPLITE-NFI-U08-2 Datasheet
172Kb / 3P
8-Port Unmanaged Industrial Ethernet Switch - 10/100 Mbps, Ruggedized, DIN Mount
logo
Black Box Registered Tr...
SW-104 BLACKBOX-SW-104 Datasheet
1Mb / 4P
4 Port Unmanaged Ethernet Switch 10/100
SW-108 BLACKBOX-SW-108 Datasheet
1Mb / 4P
8 Port Unmanaged Ethernet Switch 10/100
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com