Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA-LN04-RJ Datasheet(PDF) 3 Page - Moxa Inc.

Part # DA-LN04-RJ
Description  8-port unmanaged switch ports, and 4-port 100 Mbps fiber LAN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

DA-LN04-RJ Datasheet(HTML) 3 Page - Moxa Inc.

  DA-LN04-RJ Datasheet HTML 1Page - Moxa Inc. DA-LN04-RJ Datasheet HTML 2Page - Moxa Inc. DA-LN04-RJ Datasheet HTML 3Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.moxa.com
3
Dimensions
DA-LN04-RJ
DA-FX04-MM-ST-T
DA-SW08-RJ
Ordering Information
Model Name
No. of Ports
10/100BaseT
RJ45
100BaseFx Ports
Multi-mode ST
Connector
DA-LN04-RJ
4
✓
✓
–
–
DA-SW08-RJ
8
✓
✓
–
–
DA-FX04-MM-ST-T
4
–
–
✓
✓
© Moxa Inc. All rights reserved. Updated Nov 12, 2018.
This document and any portion thereof may not be reproduced or used in any manner whatsoever without the express written permission of
Moxa Inc. Product specifications subject to change without notice. Visit our website for the most up-to-date product information.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com