Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA-LN04-RJ Datasheet(PDF) 2 Page - Moxa Inc.

Part # DA-LN04-RJ
Description  8-port unmanaged switch ports, and 4-port 100 Mbps fiber LAN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

DA-LN04-RJ Datasheet(HTML) 2 Page - Moxa Inc.

  DA-LN04-RJ Datasheet HTML 1Page - Moxa Inc. DA-LN04-RJ Datasheet HTML 2Page - Moxa Inc. DA-LN04-RJ Datasheet HTML 3Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.moxa.com
2
Specifications
Ethernet Interface
10/100BaseT(X) Ports (RJ45 connector)
DA-LN04-RJ: 4
DA-SW08-RJ: 8
100BaseFX Ports (multi-mode ST connector)
DA-FX04-MM-ST-T: 4
Magnetic Isolation Protection
1.5 kV (built-in)
Physical Characteristics
Dimensions (without ears)
132 x 150 mm (42 x 5.20 in)
Weight
DA-FX04-MM-ST-T: 511 g (1.13 lb)
DA-LN04-RJ: 198 g (0.44 lb)
DA-SW08-RJ: 165 g (0.43 lb)
Environmental Limits
Operating Temperature
-25 to 60°C (-13 to 140°F)
Storage Temperature (package included)
-40 to 85°C (-40 to 185°F)
Ambient Relative Humidity
5 to 95% (non-condensing)
Declaration
Green Product
RoHS, CRoHS, WEEE
MTBF
Time
DA-FX04-MM-ST-T: 884,764
DA-LN04-RJ: 2,733,138
DA-SW08-RJ: 3,270,114
Standards
Telcordia (Bellcore), GB
Warranty
Warranty Period
3 years
Details
See www.moxa.com/warranty
Package Contents
Device
1 x DA-682A-Ethernet Series expansion module
Documentation
1 x warranty card



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com