Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS91 Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # CS91
Description  Standard cell array
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS91 Datasheet(HTML) 4 Page - fujitsu semiconductor

  CS91 Datasheet HTML 1Page - fujitsu semiconductor CS91 Datasheet HTML 2Page - fujitsu semiconductor CS91 Datasheet HTML 3Page - fujitsu semiconductor CS91 Datasheet HTML 4Page - fujitsu semiconductor CS91 Datasheet HTML 5Page - fujitsu semiconductor CS91 Datasheet HTML 6Page - fujitsu semiconductor CS91 Datasheet HTML 7Page - fujitsu semiconductor CS91 Datasheet HTML 8Page - fujitsu semiconductor CS91 Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CS91 Series
4
■ ABSOLUTE MAXIMUM RATINGS
*1 : Values are determined separately for LVDS, etc.
*2 : Maximum output current which can be supplied constantly.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
(VSS
= 0 V)
Parameter
Symbol
Application
Rating
Unit
Min
Max
Power supply voltage
VDD
VDDI (Internal)
− 0.5
+ 1.8
V
VDDE (External 2.5 V)
− 0.5
+ 3.6
V
VDDE (External 3.3 V)
− 0.5
+ 4.0
V
Input voltage*1
VI
1.2 V
− 0.5
VDDI
+ 0.5
(
≤ 1.8 V)
V
2.5 V
− 0.5
VDDE
+ 0.5
(
≤ 3.6 V)
V
3.3 V
− 0.5
VDDE
+ 0.5
(
≤ 4.0 V)
V
Output voltage
VO
1.2 V
− 0.5
VDDI
+ 0.5
(
≤ 1.8 V)
V
2.5 V
− 0.5
VDDE
+ 0.5
(
≤ 3.6 V)
V
3.3 V
− 0.5
VDDE
+ 0.5
(
≤ 4.0 V)
V
Storage temperature
TST
Plastic package
−55
+125
°C
Output current*2
IO
L type simultaneous switching
noise : minimum, delay : long
⎯
± 25
mA
M type simultaneous switching
noise : small, delay : middle
⎯
± 25
mA
H type simultaneous switching
noise : middle, delay : short
⎯
± 25
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com