Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS91 Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # CS91
Description  Standard cell array
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS91 Datasheet(HTML) 1 Page - fujitsu semiconductor

  CS91 Datasheet HTML 1Page - fujitsu semiconductor CS91 Datasheet HTML 2Page - fujitsu semiconductor CS91 Datasheet HTML 3Page - fujitsu semiconductor CS91 Datasheet HTML 4Page - fujitsu semiconductor CS91 Datasheet HTML 5Page - fujitsu semiconductor CS91 Datasheet HTML 6Page - fujitsu semiconductor CS91 Datasheet HTML 7Page - fujitsu semiconductor CS91 Datasheet HTML 8Page - fujitsu semiconductor CS91 Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DS06-20208-3E
FUJITSU SEMICONDUCTOR
DATA SHEET
Copyright©2002-2006 FUJITSU LIMITED All rights reserved
Semicustom
CMOS
Standard cell array
CS91 Series
■ DESCRIPTION
The CS91 series 0.11
µm CMOS standard cell is a line of highly integrated CMOS ASICs featuring high speed
and low power consumption. This series incorporates up to 48 million gates which have a gate delay time of 16
ps, resulting in both integration and speed about three times higher than conventional products.
■ FEATURES
• Technology
: 0.11
µm silicon-gate CMOS, 5- to 8-layer wiring (Copper is used as wire material.) ,
Low-K (2.7) Inter-layer material (Inter-layer material that has low permittivity)
• Support for high speed, high integration, low leak internal cell set. Capable of incorporating on the same chip.
• Supply voltage
:
+1.2 V ± 0.1 V (standard specification)
• Junction temperature range :
−40 °C to +125 °C
• Gate delay time
: tpd
= 16 ps (1.2 V, inverter, F/O = 1)
• Gate power consumption : Pd
= 6.6 nW/MHz/BC (1.2 V, inverter, F/O = 1)
• Support for ultra high speed (622 Mbps to 780 Mbps, 2.5 Gbps to 3.125 Gbps, 10 Gbps) interface macros for
transmission
• Special interfaces* : P-CML, LVDS, PCI, SSTL, HSTL, T-LVTTL, and others.
• Buffer cell dedicated to crystal oscillator
• IP macros*
: CPU (ARM9, ARM7TDMI) , DSP, PCI, IEEE1394, USB, IrDA, PLL, ADC, DAC, and others.
• Compiled cells (RAM/ROM/multiplier, and others.)
• Uses industry standard tools and supports the optimum tools for the application
• Short-term development using a physical prototyping tool
• Hierarchical design environment for supporting large-scale circuits
• Support for SIGNAL INTEGRITY, EMI noise reduction
• Support for High resolution RC extraction base delay calculation environment
• Support for optimization environment of power supply wire
(Continued)


Similar Part No. - CS91

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
CS91BC KNIGHTSBRIDGE-CS91BC Datasheet
340Kb / 1P
13A 1G SP Switched Socket with Dual USB AA
08/04/2024
CS91BCG KNIGHTSBRIDGE-CS91BCG Datasheet
325Kb / 1P
13A 1G SP Switched Socket with Dual USB AA
08/04/2024
CS91BCW KNIGHTSBRIDGE-CS91BCW Datasheet
329Kb / 1P
13A 1G SP Switched Socket with Dual USB AA
08/04/2024
More results

Similar Description - CS91

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3101 INTERSIL-HFA3101 Datasheet
905Kb / 12P
Gilbert Cell UHF Transistor Array
September 2004
logo
fujitsu semiconductor
CS101 FUJITSU-CS101 Datasheet
102Kb / 8P
Standard Cell
logo
Intersil Corporation
HFA3101 INTERSIL-HFA3101_04 Datasheet
809Kb / 12P
Gilbert Cell UHF Transistor Array
September 2004
logo
fujitsu semiconductor
CS101 FUJITSU-CS101_07 Datasheet
88Kb / 12P
Standard Cell
logo
Epson Company
S1K50000 EPSON-S1K50000 Datasheet
1Mb / 130P
Standard-Cell Development Flow
S1K70000 EPSON-S1K70000 Datasheet
5Mb / 379P
STANDARD CELL / EMBEDDED ARRAY
S1X70000 EPSON-S1X70000 Datasheet
5Mb / 379P
STANDARD CELL / EMBEDDED ARRAY
logo
Xilinx, Inc
XC3000A XILINX-XC3000A Datasheet
52Kb / 8P
Logic Cell Array Family
XC3000FM XILINX-XC3000FM Datasheet
473Kb / 50P
XC3000 Logic Cell Array Families
logo
Renesas Technology Corp
HFA3101 RENESAS-HFA3101 Datasheet
724Kb / 12P
Gilbert Cell UHF Transistor Array
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com