Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS91 Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # CS91
Description  Standard cell array
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS91 Datasheet(HTML) 2 Page - fujitsu semiconductor

  CS91 Datasheet HTML 1Page - fujitsu semiconductor CS91 Datasheet HTML 2Page - fujitsu semiconductor CS91 Datasheet HTML 3Page - fujitsu semiconductor CS91 Datasheet HTML 4Page - fujitsu semiconductor CS91 Datasheet HTML 5Page - fujitsu semiconductor CS91 Datasheet HTML 6Page - fujitsu semiconductor CS91 Datasheet HTML 7Page - fujitsu semiconductor CS91 Datasheet HTML 8Page - fujitsu semiconductor CS91 Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CS91 Series
2
(Continued)
• Support for static timing sign off
• Support for memory (RAM/ROM) BIST
• Support for boundary SCAN
• Support for LOGIC BIST
• A variety of package options* : FCBGA (2116 pin Max) , EBGA, FBGA, and others.
* : Including items under development.
■ MACRO LIBRARY (Including macros being prepared)
1.
Logic cells (about 400 types)
2.
IP macros
3.
Special I/O interface macros
• Adder
• Decoder
• AND-OR Inverter
• Non-SCAN Flip Flop
• Clock Buffer
• Inverter
•Latch
•Buffer
• NAND
• OR-AND Inverter
•AND
•OR
•NOR
•Selector
• SCAN Flip Flop
• EOR
•ENOR
• Others
• AND-OR
CPU/DSP
ARM9, ARM7TDMI,
Communications DSP, DSP for AV
Ultra high speed I/F macros
622 Mbps to 780 Mbps, 2.5 Gbps to 3.125 Gbps, 10 Gbps
Interface macros
PCI, IEEE1394, USB, IrDA, etc.
Multimedia processing macros
JPEG, MPEG, etc.
Mixed signal macros
ADC, DAC, OPAMP, etc.
Compiled macros
RAM, ROM, multiplier, adder, multiplier-accumulator, etc.
PLL
Analog PLL, digital PLL
• T-LVTTL
• SSTL
• HSTL
• P-CML
•LVDS
• PCI
• USB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com