Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JL148SCA Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # JL148SCA
Description  Quad 741 Op Amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

JL148SCA Datasheet(HTML) 3 Page - National Semiconductor (TI)

  JL148SCA Datasheet HTML 1Page - National Semiconductor (TI) JL148SCA Datasheet HTML 2Page - National Semiconductor (TI) JL148SCA Datasheet HTML 3Page - National Semiconductor (TI) JL148SCA Datasheet HTML 4Page - National Semiconductor (TI) JL148SCA Datasheet HTML 5Page - National Semiconductor (TI) JL148SCA Datasheet HTML 6Page - National Semiconductor (TI) JL148SCA Datasheet HTML 7Page - National Semiconductor (TI) JL148SCA Datasheet HTML 8Page - National Semiconductor (TI) JL148SCA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage
±22V
Input Voltage Range
±20V
Input Current Range
−0.1mA to 10mA
Differential Input Voltage (Note 2)
±30V
Output Short Circuit Duration (Note 3)
Continuous
Power Dissipation (P
d at 25˚C) (Note 4)
CERDIP
CERPACK
400mW
350mW
Thermal Resistance
θ
JA
CERDIP (Still Air)
CERDIP (500LF/ Min Air flow)
CERPACK (Still Air)
CERPACK (500LF/ Min Air flow)
Ceramic SOIC (Still Air)
Ceramic SOIC (500LF/ Min Air flow)
103˚C/W
52˚C/W
140˚C/W
100˚C/W
176˚C/W
116˚C/W
θ
JC
CERDIP
CERPACK
Ceramic SOIC
19˚C/W
25˚C/W
25˚C/W
Package Weight (typical)
CERDIP
CERPACK
Ceramic SOIC
TBD
465mg
415mg
Maximum Junction Temperature (T
JMAX)
175˚C
Operating Temperature Range
−55˚C
≤ T
A
≤ +125˚C
Storage Temperature Range
−65˚C
≤ T
A
≤ +150˚C
Lead Temperature (Soldering, 10 sec.) Ceramic
300˚C
ESD tolerance (Note 5)
500V
Quality Conformance Inspection
MIL-STD-883, Method 5005 — Group A
Subgroup
Description
Temp ( ˚C)
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com