Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JL148SCA Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # JL148SCA
Description  Quad 741 Op Amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

JL148SCA Datasheet(HTML) 4 Page - National Semiconductor (TI)

  JL148SCA Datasheet HTML 1Page - National Semiconductor (TI) JL148SCA Datasheet HTML 2Page - National Semiconductor (TI) JL148SCA Datasheet HTML 3Page - National Semiconductor (TI) JL148SCA Datasheet HTML 4Page - National Semiconductor (TI) JL148SCA Datasheet HTML 5Page - National Semiconductor (TI) JL148SCA Datasheet HTML 6Page - National Semiconductor (TI) JL148SCA Datasheet HTML 7Page - National Semiconductor (TI) JL148SCA Datasheet HTML 8Page - National Semiconductor (TI) JL148SCA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical Characteristics
DC PARAMETERS (The following conditions apply to all parameters, unless otherwise specified.) ±V
CC = ±20V, VCM = 0V,
measure each amplifier.
Symbol
Parameter
Conditions
Notes
Min Max
Units
Sub-
groups
V
IO
Input Offset Voltage
+V
CC = 35V, −VCC = −5V,
V
CM = −15V
−5.0 +5.0
mV
1
−6.0 +6.0
mV
2, 3
+V
CC = 5V, −VCC = −35V,
V
CM = +15V
−5.0 +5.0
mV
1
−6.0 +6.0
mV
2, 3
−5.0 +5.0
mV
1
−6.0 +6.0
mV
2, 3
+V
CC = 5V, −VCC = −5V,
−5.0 +5.0
mV
1
−6.0 +6.0
mV
2, 3
Delta V
IO /
Delta
T
Input Offset Voltage
Temperature Stability
25˚C
≤ T
A
≤ 125˚C
(Note 6)
−25
25
µV/˚C
2
−55˚C
≤ T
A
≤ 25˚C
(Note 6)
−25
25
µV/˚C
3
I
IO
Input Offset Current
+V
CC = 35V, −VCC = −5V,
V
CM = −15V
−25
+25
nA
1, 2
−75
+75
nA
3
+V
CC = 5V, −VCC = −35V,
V
CM = +15V
−25
+25
nA
1, 2
−75
+75
nA
3
−25
+25
nA
1, 2
−75
+75
nA
3
+V
CC = 5V, −VCC = −5V,
−25
+25
nA
1, 2
−75
+75
nA
3
Delta I
IO /
Delta
T
Input Offset Current
Temperature Stability
25˚C
≤ T
A
≤ 125˚C
(Note 6)
-200 200
pA/˚C
2
−55˚C
≤ T
A
≤ 25˚C
(Note 6)
–400 400
pA/˚C
3
±I
IB
Input Bias Current
+V
CC = 35V, −VCC = −5V,
V
CM = −15V
−0.1 100
nA
1, 2
−0.1 325
nA
3
+V
CC = 5V, −VCC = −35V,
V
CM = +15V
−0.1 100
nA
1, 2
−0.1 325
nA
3
−0.1 100
nA
1, 2
−0.1 325
nA
3
+V
CC = 5V, −VCC = −5V,
−0.1 100
nA
1, 2
−0.1 325
nA
3
PSRR+
Power Supply Rejection Ratio
−V
CC = −20V, +VCC = 20V to 10V
(Note 7)
−100 100
µV/V
1, 2, 3
PSRR−
Power Supply Rejection Ratio
+V
CC = 20V, −VCC = −20V to −10V
(Note 7)
−100 100
µV/V
1, 2, 3
CMRR
Common Mode Rejection Ratio V
CM = ±15 V, ±5V
≤ V
CC
≤ ± 35V
76
dB
1, 2, 3
Electrical Characteristics
AC / DC PARAMETERS (The following conditions apply to all parameters, unless otherwise specified.)
±V
CC = ±20V, VCM = 0V, measure each amplifier.
Symbol
Parameter
Conditions
Notes
Min Max
Units
Sub-
groups
+I
OS
Short Circuit Current
+V
CC = 15V, −VCC = −15V,
V
CM = −10V
−55
mA
1, 2
−75
mA
3
−I
OS
Short Circuit Current
+V
CC = 15V, −VCC = −15V,
V
CM = +10V
55
mA
1, 2
75
mA
3
I
CC
Power Supply Current
+V
CC = 15V, −VCC = −15V
3.6
mA
1
4.5
mA
2, 3
−A
VS
Open Loop Voltage Gain
V
OUT = −15V, RL = 10K
Ω
50
V/mV
4
25
V/mV
5, 6
V
OUT = −15V, RL =2K
Ω
50
V/mV
4
25
V/mV
5, 6
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com