Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JL148SCA Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # JL148SCA
Description  Quad 741 Op Amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

JL148SCA Datasheet(HTML) 5 Page - National Semiconductor (TI)

  JL148SCA Datasheet HTML 1Page - National Semiconductor (TI) JL148SCA Datasheet HTML 2Page - National Semiconductor (TI) JL148SCA Datasheet HTML 3Page - National Semiconductor (TI) JL148SCA Datasheet HTML 4Page - National Semiconductor (TI) JL148SCA Datasheet HTML 5Page - National Semiconductor (TI) JL148SCA Datasheet HTML 6Page - National Semiconductor (TI) JL148SCA Datasheet HTML 7Page - National Semiconductor (TI) JL148SCA Datasheet HTML 8Page - National Semiconductor (TI) JL148SCA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Electrical Characteristics (Continued)
AC / DC PARAMETERS (The following conditions apply to all parameters, unless otherwise specified.)
±V
CC = ±20V, VCM = 0V, measure each amplifier.
Symbol
Parameter
Conditions
Notes
Min Max
Units
Sub-
groups
+A
VS
Open Loop Voltage Gain
V
OUT = +15V, RL = 10K
Ω
50
V/mV
4
25
V/mV
5, 6
V
OUT = +15V, RL =2K
Ω
50
V/mV
4
25
V/mV
5, 6
A
VS
Open Loop Voltage Gain
V
CC = ±5V, VOUT = ±2V, RL =
10K
Ω
10
V/mV
4, 5, 6
V
CC = ±5V, VOUT = ±2V, RL =2K
Ω
10
V/mV
4, 5, 6
+V
OP
Output Voltage Swing
R
L = 10K
Ω
+16
V
4,5,6
R
L =2K
Ω
+15
V
4,5,6
-V
OP
Output Voltage Swing
R
L = 10K
Ω
-16
V
4,5,6
R
L =2K
Ω
-15
V
4,5,6
TR
TR
Transient Response Time
V
IN = 50mV, AV = 1
1
µS
7, 8A, 8B
TR
OS
Transient Response Time
V
IN = 50mV, AV = 1
25
%
7, 8A, 8B
±SR
Slew Rate
V
IN = −5V to +5V, AV = 1
0.2
V/µS
7, 8A, 8B
V
IN = +5V to −5V, AV = 1
0.2
V/µS
7, 8A, 8B
Electrical Characteristics
AC PARAMETERS (The following conditions apply to all parameters, unless otherwise specified.) ±V
CC = ±20V, VCM = 0V,
measure each amplifier.
Symbol
Parameter
Conditions
Notes
Min Max
Units
Sub-
groups
NI
BB
Noise (Broadband)
BW = 10Hz to 5KHz
15
µV
RMS
7
NI
PC
Noise (Popcorn)
R
S = 20K
Ω
40
µV
PK
7
C
S
Channel Separation
V
IN = ±10V,AtoB,RL =2K
Ω
80
dB
7
V
IN = ±10V,AtoC,RL =2K
Ω
80
dB
7
V
IN = ±10V,AtoD,RL =2K
Ω
80
dB
7
V
IN = ±10V,BtoA,RL =2K
Ω
80
dB
7
V
IN = ±10V,BtoC,RL =2K
Ω
80
dB
7
V
IN = ±10V,BtoD,RL =2K
Ω
80
dB
7
V
IN = ±10V,CtoA,RL =2K
Ω
80
dB
7
V
IN = ±10V,CtoB,RL =2K
Ω
80
dB
7
V
IN = ±10V,CtoD,RL =2K
Ω
80
dB
7
V
IN = ±10V,DtoA,RL =2K
Ω
80
dB
7
V
IN = ±10V,DtoB,RL =2K
Ω
80
dB
7
V
IN = ±10V,DtoC,RL =2K
Ω
80
dB
7
Electrical Characteristics
DC DRIFT PARAMETERS (The following conditions apply to all parameters, unless otherwise specified.) ±V
CC = ±20V, VCM =
0V, measure each amplifier. Delta calculations performed on JAN S and QMLV devices at group B, subgroup 5 only.
Symbol
Parameter
Conditions
Notes
Min Max
Units
Sub-
groups
V
IO
Input Offset Voltage
−1
1
mV
1
±I
IB
Input Bias Current
−15
15
nA
1
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com