Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDXV4UG Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PESDXV4UG
Description  Very low capacitance quadruple ESD protection diode arrays in SOT353 package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESDXV4UG Datasheet(HTML) 4 Page - NXP Semiconductors

  PESDXV4UG Datasheet HTML 1Page - NXP Semiconductors PESDXV4UG Datasheet HTML 2Page - NXP Semiconductors PESDXV4UG Datasheet HTML 3Page - NXP Semiconductors PESDXV4UG Datasheet HTML 4Page - NXP Semiconductors PESDXV4UG Datasheet HTML 5Page - NXP Semiconductors PESDXV4UG Datasheet HTML 6Page - NXP Semiconductors PESDXV4UG Datasheet HTML 7Page - NXP Semiconductors PESDXV4UG Datasheet HTML 8Page - NXP Semiconductors PESDXV4UG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
9397 750 14479
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 7 April 2005
4 of 11
Philips Semiconductors
PESDxV4UG series
Very low capacitance quadruple ESD protection diode arrays
6.
Characteristics
[1]
Non-repetitive current pulse 8/20
µs exponential decay waveform according to IEC 61000-4-5; see Figure 1.
[2]
Measured from pin 1, 3, 4 or 5 to 2.
Table 8:
Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VRWM
reverse stand-off voltage
PESD3V3V4UG
-
-
3.3
V
PESD5V0V4UG
-
-
5.0
V
IRM
reverse leakage current
see Figure 6;
PESD3V3V4UG
VRWM = 3.3 V
-
40
300
nA
PESD5V0V4UG
VRWM = 5.0 V
-
3
25
nA
VBR
breakdown voltage
IR = 1 mA
PESD3V3V4UG
5.3
5.6
5.9
V
PESD5V0V4UG
6.4
6.8
7.2
V
Cd
diode capacitance
f = 1 MHz; see Figure 5;
PESD3V3V4UG
VR = 0 V
-
15
18
pF
VR = 3.3 V
-
9
12
pF
PESD5V0V4UG
VR = 0 V
-
12
15
pF
VR = 5 V
-
6
9
pF
VCL
clamping voltage
[1] [2]
PESD3V3V4UG
IPP = 1 A
-
-
9
V
IPP = 2 A
-
-
11
V
PESD5V0V4UG
IPP = 1 A
-
-
11
V
IPP = 1.7 A
-
-
13
V
rdif
differential resistance
IR = 1 mA
PESD3V3V4UG
-
-
200
Ω
PESD5V0V4UG
-
-
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com