Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDXV4UG Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PESDXV4UG
Description  Very low capacitance quadruple ESD protection diode arrays in SOT353 package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESDXV4UG Datasheet(HTML) 1 Page - NXP Semiconductors

  PESDXV4UG Datasheet HTML 1Page - NXP Semiconductors PESDXV4UG Datasheet HTML 2Page - NXP Semiconductors PESDXV4UG Datasheet HTML 3Page - NXP Semiconductors PESDXV4UG Datasheet HTML 4Page - NXP Semiconductors PESDXV4UG Datasheet HTML 5Page - NXP Semiconductors PESDXV4UG Datasheet HTML 6Page - NXP Semiconductors PESDXV4UG Datasheet HTML 7Page - NXP Semiconductors PESDXV4UG Datasheet HTML 8Page - NXP Semiconductors PESDXV4UG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
Very low capacitance quadruple ElectroStatic Discharge (ESD) protection diode arrays in
very small SOT353 (SC-88A) plastic package designed to protect up to four signal lines
from the damage caused by ESD and other transients.
1.2 Features
1.3 Applications
1.4 Quick reference data
PESDxV4UG series
Very low capacitance quadruple ESD protection diode arrays
in SOT353 package
Rev. 02 — 7 April 2005
Product data sheet
s ESD protection of up to four lines
s Ultra low leakage current: IRM = 3 nA
s Very low diode capacitance
s ESD protection up to 12 kV
s Low clamping voltage
s IEC 61000-4-2; level 4 (ESD)
s Computers and peripherals
s Communication systems
s Audio and video equipment
s Portable electronics
s Cellular handsets and accessories
s Subscriber Identity Module (SIM) card
protection
Table 1:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse stand-off voltage
PESD3V3V4UG
-
-
3.3
V
PESD5V0V4UG
-
-
5.0
V
Cd
diode capacitance
f = 1 MHz; VR =0V;
see Figure 5
PESD3V3V4UG
-
15
18
pF
PESD5V0V4UG
-
12
15
pF


Similar Part No. - PESDXV4UG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXV4UG NXP-PESDXV4UG Datasheet
107Kb / 16P
Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
logo
Nexperia B.V. All right...
PESDXV4UG NEXPERIA-PESDXV4UG Datasheet
682Kb / 16P
Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03 - 28 January 2008
More results

Similar Description - PESDXV4UG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXL4UG PHILIPS-PESDXL4UG Datasheet
89Kb / 9P
Low capacitance quadruple ESD protection diode array in SOT353 package
2004 Mar 23
PESD3V3V4UW PHILIPS-PESD3V3V4UW Datasheet
73Kb / 11P
Very low capacitance quadruple ESD protection diode arrays in SOT665 package
Rev. 01-22 April 2005
PESDXV4UF NXP-PESDXV4UF Datasheet
107Kb / 16P
Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
PESD3V3L4UW-115 PHILIPS-PESD3V3L4UW-115 Datasheet
118Kb / 17P
Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
PESDXV4UK PHILIPS-PESDXV4UK Datasheet
529Kb / 15P
Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1-25 August 2010
PESDXV4UF PHILIPS-PESDXV4UF Datasheet
115Kb / 16P
Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
logo
Nexperia B.V. All right...
PESD3V3V4UK NEXPERIA-PESD3V3V4UK Datasheet
629Kb / 16P
Very low capacitance unidirectional quadruple ESD protection diode arrays
PESDXL4UF-G-W NEXPERIA-PESDXL4UF-G-W Datasheet
661Kb / 17P
Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
PESDXV4UF NEXPERIA-PESDXV4UF Datasheet
682Kb / 16P
Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03 - 28 January 2008
PESDXV4UK_SER NEXPERIA-PESDXV4UK_SER Datasheet
529Kb / 15P
Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1 - 25 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com