Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDXV4UG Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PESDXV4UG
Description  Very low capacitance quadruple ESD protection diode arrays in SOT353 package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESDXV4UG Datasheet(HTML) 2 Page - NXP Semiconductors

  PESDXV4UG Datasheet HTML 1Page - NXP Semiconductors PESDXV4UG Datasheet HTML 2Page - NXP Semiconductors PESDXV4UG Datasheet HTML 3Page - NXP Semiconductors PESDXV4UG Datasheet HTML 4Page - NXP Semiconductors PESDXV4UG Datasheet HTML 5Page - NXP Semiconductors PESDXV4UG Datasheet HTML 6Page - NXP Semiconductors PESDXV4UG Datasheet HTML 7Page - NXP Semiconductors PESDXV4UG Datasheet HTML 8Page - NXP Semiconductors PESDXV4UG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
9397 750 14479
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 7 April 2005
2 of 11
Philips Semiconductors
PESDxV4UG series
Very low capacitance quadruple ESD protection diode arrays
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = p: Made in Hong Kong
* = t: Made in Malaysia
* = W: Made in China
5.
Limiting values
Table 2:
Pinning
Pin
Description
Simplified outline
Symbol
1
cathode 1
2
common anode
3
cathode 2
4
cathode 3
5
cathode 4
13
2
4
5
1
3
2
4
5
sym050
Table 3:
Ordering information
Type number
Package
Name
Description
Version
PESD3V3V4UG
SC-88A
plastic surface mounted package; 5 leads
SOT353
PESD5V0V4UG
Table 4:
Marking codes
Type number
Marking code [1]
PESD3V3V4UG
V1*
PESD5V0V4UG
V2*
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
PPP
peak pulse power
8/20
µs
[1] [2]
PESD3V3V4UG
-
16
W
PESD5V0V4UG
-
16
W
IPP
peak pulse current
8/20
µs
[1] [2]
PESD3V3V4UG
-
1.5
A
PESD5V0V4UG
-
1.5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com