Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3G2BP Datasheet(PDF) 3 Page - Silicom Ltd.

Part # USB3G2BP
Description  USB 3.0 to Dual Gigabit Ethernet Bypass Adapter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

USB3G2BP Datasheet(HTML) 3 Page - Silicom Ltd.

  USB3G2BP Datasheet HTML 1Page - Silicom Ltd. USB3G2BP Datasheet HTML 2Page - Silicom Ltd. USB3G2BP Datasheet HTML 3Page - Silicom Ltd. USB3G2BP Datasheet HTML 4Page - Silicom Ltd. USB3G2BP Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
3
Auto negotiation:
Auto-negotiation between Full duplex and simplex operations and between 10Mb/s 100Mb/s
speeds and duplex 1000Mb/s
Data Transfer Rate:
1000 Mb/s, 100 Mb/s and 10 Mb/sec in simplex mode per port.
2000Mb/s 200 and 20 Mb/s in full duplex mode per port
Cables and Operating
distance:
10Base-T Category 3, 4, or 5 maximum 50m *
100Base-Tx Category 5 maximum 50m *
1000Base-T Category 5E maximum 50m *
*Theoretical Distance
– Defined as half a distance as stated by the IEEE 802.3 standard
Operating Systems Support
Operating system support:
Linux kernel 2.6.14 ~ 3.5.0
General Technical Specifications
Interface Standard:
USB 3.0
Board Size:
100mmx100mm (3.94″x3.94″) (LxW)
Box Dimensions:
120mmx120mmx20mm (4.72″x4.72″x0.79″) (LxWxH)
USB Voltage:
Adapter Powered by USB +5V
WDT:
Silicom Bypass Controller
I/O:
Dual RJ45 located on edge of the box
Maximum Data Transfer Rate:
USB 3.0: 5 Gbps
LAN: 2 Gbps (per port; Full-Duplex)
Operating Humidity:
0%
–90%, non-condensing
Operating Temperature:
0°C to 50°C (32°F to 122°F)
Storage Temperature:
-20°C to 60°C (-4°F to 140°F)
EMC Certifications:
FCC Part 15, Subpart B Class A
Conducted Emissions
Radiated Emissions
CE EN 55022: 1998 Clas Amendments A1: 2000; A2: 2003
Conducted Emissions
Radiated Emissions



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com