Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3G2BP Datasheet(PDF) 2 Page - Silicom Ltd.

Part # USB3G2BP
Description  USB 3.0 to Dual Gigabit Ethernet Bypass Adapter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

USB3G2BP Datasheet(HTML) 2 Page - Silicom Ltd.

  USB3G2BP Datasheet HTML 1Page - Silicom Ltd. USB3G2BP Datasheet HTML 2Page - Silicom Ltd. USB3G2BP Datasheet HTML 3Page - Silicom Ltd. USB3G2BP Datasheet HTML 4Page - Silicom Ltd. USB3G2BP Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
802.x flow control
Bypass:
Bypass / Disconnect Ethernet ports on Power Fail, System Hangs or Software Application Hangs
Software programmable Bypass, Disconnect or Normal Mode
On Board Watch Dog Timer (WDT) Controller
Software programmable time out interval
Software Programmable WDT Enable / Disable counter
Software programmable Bypass Capability Enable / Disable
Software Programmable Disconnect Capability Enable / Disable
Software Programmable mode (Bypass, Normal or Disconnect mode) at Power up
Software Programmable mode (Bypass, Normal mode) at Power off
Copper Gigabit Ethernet 1000Base-T :
Independently copper Gigabit Ethernet channels support Dual Gigabit Ethernet (1000Base-T), Fast Ethernet (100Base-Tx) and
Ethernet (10Base-T)
Triple speed 1000Mbps (1000Base-T), 100 Mbps (100Base-Tx) and 10 Mbps (100Base-T) operation
Nway auto negotiation automatic sensing and switching between 1Gbps full duplex and 100 / 10 Mbps operations Simplex or
Full Duplex
RJ-45 female connectors
Technical Specifications
Bypass Specifications
Silicom WDT Interval
(Software Programmable):
3,276,800 mSec (3,276.8 Sec): Maximum
100 mSec ( 0.1 Sec) : Minimum
WDT Interval = (2^wdt_interval_parameter)*(0.1) sec.
wdt_interval_parameter: { Valid Range: 0-15}
Copper Gigabit Ethernet Technical Specifications
– (1000Base-T) Adapters:
IEEE Standard / Network
topology:
IEEE802.3i, IEEE 802.3u, IEEE 802.3ab, IEEE 802.3az
Gigabit Ethernet, 1000Base-T
Fast Ethernet, 100Base-TX
Ethernet, 10Base-T
Full duplex / Simplex:
Support both Simplex & Full duplex operation in all operating speeds



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com