Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3G2BP Datasheet(PDF) 1 Page - Silicom Ltd.

Part # USB3G2BP
Description  USB 3.0 to Dual Gigabit Ethernet Bypass Adapter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

USB3G2BP Datasheet(HTML) 1 Page - Silicom Ltd.

  USB3G2BP Datasheet HTML 1Page - Silicom Ltd. USB3G2BP Datasheet HTML 2Page - Silicom Ltd. USB3G2BP Datasheet HTML 3Page - Silicom Ltd. USB3G2BP Datasheet HTML 4Page - Silicom Ltd. USB3G2BP Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
1
USB3G2BP
USB 3.0 to Dual Gigabit Ethernet Bypass Adapter
Product Description
Silicom’s USB to dual port Ethernet bypass adapter is targeted to
maintain network connectivity when system fails. Silicom’s USB to
dual port Ethernet bypass adapter supports Normal and Bypass
modes. In Normal mode, the ports are independent interfaces.
In Bypass mode, the connections of the Ethernet ports are
Disconnected from the system and switched over to the other port to
create a crossed connection loop-back between the Ethernet ports.
Hence, in bypass mode all packets received from one port are
transmitted to the adjacent port and vice versa.
This feature enables to bypass a failed system and provides maximum up time for the network. Silicom’s USB to dual port Ethernet
bypass adapter can Bypass its Ethernet ports on a host system failure, power off, or upon software request.
Silicom’s USB to dual port Ethernet bypass adapter includes an on board Silicom Bypass Controller with WDT (Watch Dog Timer).
The adapter’s software drivers or software application can write commands to the on board Silicom Bypass controller.
The adapter’s software drivers, Silicom Bypass controller and the Bypass circuitry provide an interface that control and manage the
mode of the adapter.
Key Features
Performance Features:
Supports all USB 3.0 power saving modes (U0, U1, U2, and U3)
Supports USB Super/High/Full Speed modes with Bus-power or Self-power device
auto-detect capability
High performance packet transfer rate over USB bus using proprietary burst transfer mechanism
Priority queuing
– 802.1p layer 2 priority encoding
Virtual LANs
–802.1q VLAN tagging
Supports IPv4/IPv6 packet Checksum Offload Engine (COE) to reduce CPU loading, including IPv4 IP/TCP/UDP/ICMP/IGMP &
IPv6 TCP/UDP/ICMPv6 checksum check & generation
Jumbo Frame (4KB)


Similar Part No. - USB3G2BP

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
USB3-16U1 COOLGEAR-USB3-16U1 Datasheet
118Kb / 3P
16 Port USB 3.0 Metal Hub w/Surge Protection
USB3-25APBB COOLGEAR-USB3-25APBB Datasheet
307Kb / 2P
SATA II to USB 3.0 Portable Black 2.5 Inch External Enclosure
USB3-25APBS COOLGEAR-USB3-25APBS Datasheet
251Kb / 2P
SATA II to USB 3.0 Portable Black 2.5 Inch External Enclosure
logo
Pro-Signal
USB3-802 PROSIGNAL-USB3-802 Datasheet
229Kb / 1P
Type A Plug to Type B Plug
V1.0 12/11/21
USB3-803 PROSIGNAL-USB3-803 Datasheet
229Kb / 1P
Type A Plug to Type B Plug
V1.0 12/11/21
More results

Similar Description - USB3G2BP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U336U03GB TRIPPLITE-U336U03GB Datasheet
497Kb / 2P
USB 3.0 SuperSpeed to Gigabit Ethernet NIC Network Adapter with 3 Port USB 3.0 Hub
U336000R TRIPPLITE-U336000R Datasheet
483Kb / 2P
USB 3.0 SuperSpeed to Gigabit Ethernet NIC Network Adapter, 10-100-1000 Mbps
U336-000-GBW TRIPPLITE-U336-000-GBW Datasheet
163Kb / 3P
USB 3.0 to Gigabit Ethernet NIC Network Adapter - 10/100/1000 Mbps, White
U336-000-R TRIPPLITE-U336-000-R Datasheet
165Kb / 3P
USB 3.0 to Gigabit Ethernet NIC Network Adapter - 10/100/1000 Mbps, Black
U336-002-GB TRIPPLITE-U336-002-GB Datasheet
183Kb / 3P
USB 3.0 SuperSpeed to Dual Port Gigabit Ethernet Adapter
U336-U03-GB TRIPPLITE-U336-U03-GB Datasheet
166Kb / 2P
USB 3.0 SuperSpeed to Gigabit Ethernet NIC Network Adapter with 3 Port USB 3.0 Hub
logo
Silicom Ltd.
M1E210G2BPI9 SILICOM-M1E210G2BPI9 Datasheet
482Kb / 9P
Dual Port Fiber 10 Gigabit Ethernet ExpressModule Bypass Server Adapter
PE2G2BPI80 SILICOM-PE2G2BPI80 Datasheet
790Kb / 6P
Dual Ports Copper Gigabit Ethernet PCI Express Bypass Server Adapter
PE2G2BPI35A SILICOM-PE2G2BPI35A Datasheet
585Kb / 7P
Dual Port Copper Gigabit Ethernet PCI Express Bypass Server Adapter
PE2G2BPFI35 SILICOM-PE2G2BPFI35 Datasheet
785Kb / 8P
Dual Port Fiber Gigabit Ethernet PCI Express Bypass Server Adapter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com