Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-7728-R-48 Datasheet(PDF) 1 Page - Moxa Inc.

Part # PT-7728-R-48
Description  Gigabit modular managed rackmount Ethernet switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

PT-7728-R-48 Datasheet(HTML) 1 Page - Moxa Inc.

  PT-7728-R-48 Datasheet HTML 1Page - Moxa Inc. PT-7728-R-48 Datasheet HTML 2Page - Moxa Inc. PT-7728-R-48 Datasheet HTML 3Page - Moxa Inc. PT-7728-R-48 Datasheet HTML 4Page - Moxa Inc. PT-7728-R-48 Datasheet HTML 5Page - Moxa Inc. PT-7728-R-48 Datasheet HTML 6Page - Moxa Inc. PT-7728-R-48 Datasheet HTML 7Page - Moxa Inc. PT-7728-R-48 Datasheet HTML 8Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.moxa.com
1
PT-7728 Series
IEC 61850-3 24+4G-port Layer 2 Gigabit modular managed rackmount Ethernet switches
Features and Benefits
•
IEC 61850-3, IEEE 1613 (power substations), and EN 50121-4 (railway
applications) compliant
•
IEC 62439-3 Clause 4 (PRP) and Clause 5 (HSR) compliant1
•
Built-in MMS server based on IEC 61850-90-4 switch data modeling for
power SCADA
•
Complies with a portion of EN 50155 specifications
•
Turbo Ring and Turbo Chain (recovery time < 20 ms @ 250 switches),2 RSTP/
STP, and MSTP for network redundancy
•
VLAN Unaware: Supports priority-tagged frames to be received by specific
IEDs
•
Up to 12 ports with M12 connectors
•
Isolated redundant power inputs with universal 24 VDC, 48 VDC, or 110/220
VDC/VAC power supply range
•
-40 to 85°C operating temperature range
Certifications
Introduction
The PT-7728 is designed to meet the demands of power substation automation systems (IEC 61850-3, IEEE 1613), and railway applications (EN
50121-4), and also features critical packet prioritization (GOOSE and SMVs) and a built-in MMS server. The PT-7728’s Gigabit and Fast Ethernet
backbone, redundant ring, and 24 VDC, 48 VDC, or 110/220 VDC/VAC dual isolated redundant power supplies increase the reliability of your
communications and save on cabling/wiring costs. The modular design of the PT-7728 also makes network planning easy, and allows greater
flexibility by letting you install up to 4 Gigabit ports and 24 Fast Ethernet ports. Along with the optional front or rear wiring, these features together
make the PT-7728 suitable for a variety of industrial applications.
Additional Features and Benefits
• Switch data modeling based on the IEC 61850-90-4 standard
• IEEE 1588v2 PTP (Precision Time Protocol) for time synchronization
of networks (PTP models only)
• VLAN Unaware: Supports priority-tagged frames to be received by
specific IEDs
• DHCP Option 82 for IP address assignment with different policies
• EtherNet/IP and Modbus TCP industrial Ethernet protocols
supported
• Line-swap fast recovery
• Configurable by web browser, Telnet/serial console, CLI, Windows
utility, and ABC-01 automatic backup configurator
• IGMP snooping and GMRP for filtering multicast traffic from industrial
Ethernet protocols
• Supports advanced VLAN capability with Q-in-Q tagging
• IEEE 802.3ad, LACP for optimum bandwidth utilization
• Bandwidth management to prevent unpredictable network status
• Multi-port mirroring for online debugging
• Automatic warning by exception through email and relay output
• RMON for proactive and efficient network monitoring
• Automatic recovery of connected device’s IP addresses
Cybersecurity Features
• User passwords with multiple levels of security protect against
unauthorized configuration
• SSH/HTTPS is used to encrypt passwords and data
• Lock switch ports with 802.1X port-based network access control
so that only authorized clients can access the port
• RADIUS/TACACS+ allows you to manage passwords from a central
location
• 802.1Q VLAN allows you to logically partition traffic transmitted
between selected switch ports
• Secure switch ports so that only specific devices and/or MAC
addresses can access the ports
• Disable one or more ports to block network traffic
• SNMPv3 provides encrypted authentication and access security
1.
Only available with PM-7200-4GTX-PHR-PTP and PM-7200-4GSFP-PHR-PTP modules.
2.
Gigabit Ethernet recovery time < 50 ms


Similar Part No. - PT-7728-R-48

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
PT-7710 MOXA-PT-7710 Datasheet
679Kb / 6P
Gigabit modular managed rackmount Ethernet switches
PT-7710-D-HV MOXA-PT-7710-D-HV Datasheet
679Kb / 6P
Gigabit modular managed rackmount Ethernet switches
PT-7710-D-LV MOXA-PT-7710-D-LV Datasheet
679Kb / 6P
Gigabit modular managed rackmount Ethernet switches
PT-7710-F-HV MOXA-PT-7710-F-HV Datasheet
679Kb / 6P
Gigabit modular managed rackmount Ethernet switches
PT-7710-F-LV MOXA-PT-7710-F-LV Datasheet
679Kb / 6P
Gigabit modular managed rackmount Ethernet switches
More results

Similar Description - PT-7728-R-48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HES18MC-2G ETC2-HES18MC-2G Datasheet
446Kb / 3P
162G-Port Rackmount Gigabit Managed Ethernet Switches
HES26MC-2G ETC2-HES26MC-2G Datasheet
450Kb / 3P
242G-Port Rackmount Gigabit Managed Ethernet Switches
MX6028-4G ETC2-MX6028-4G Datasheet
498Kb / 3P
244G Port Rackmount Gigabit Managed Ethernet switches
logo
Moxa Inc.
ICS-G7750A MOXA-ICS-G7750A Datasheet
758Kb / 6P
Gigabit modular managed Ethernet switches
ICS-G7852A MOXA-ICS-G7852A Datasheet
770Kb / 7P
Gigabit modular managed Ethernet switches
PT-7710 MOXA-PT-7710 Datasheet
679Kb / 6P
Gigabit modular managed rackmount Ethernet switches
PT-7828 MOXA-PT-7828 Datasheet
653Kb / 7P
Gigabit modular managed rackmount Ethernet switches
PT-G7509 MOXA-PT-G7509 Datasheet
704Kb / 6P
Gigabit managed rackmount Ethernet switches
PT-G7728 MOXA-PT-G7728 Datasheet
2Mb / 7P
Gigabit modular managed Ethernet switches
PT-G7828 MOXA-PT-G7828 Datasheet
2Mb / 7P
gigabit modular managed Ethernet switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com