Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-7728-R-48 Datasheet(PDF) 6 Page - Moxa Inc.

Part # PT-7728-R-48
Description  Gigabit modular managed rackmount Ethernet switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

PT-7728-R-48 Datasheet(HTML) 6 Page - Moxa Inc.

  PT-7728-R-48 Datasheet HTML 1Page - Moxa Inc. PT-7728-R-48 Datasheet HTML 2Page - Moxa Inc. PT-7728-R-48 Datasheet HTML 3Page - Moxa Inc. PT-7728-R-48 Datasheet HTML 4Page - Moxa Inc. PT-7728-R-48 Datasheet HTML 5Page - Moxa Inc. PT-7728-R-48 Datasheet HTML 6Page - Moxa Inc. PT-7728-R-48 Datasheet HTML 7Page - Moxa Inc. PT-7728-R-48 Datasheet HTML 8Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.moxa.com
6
Model Name
Max. No. of
Ports
Max. No. of
Gigabit Ports
Max. No. of
Fast Ethernet
Ports
Cabling
Redundant
Power Module
Input Voltage
1
Input Voltage
2
Operating
Temp.
PT-7728-PTP-R-
HV
28
Up to 4
Up to 24
Rear
–
110/220 VDC/
VAC
–
-45 to 85°C
PT-7728-PTP-R-
HV-HV
28
Up to 4
Up to 24
Rear
✓
110/220 VDC/
VAC
110/220 VDC/
VAC
-45 to 85°C
Accessories (sold separately)
PM-7200 Module Series
PM-7200-1BNC2MST-PTP
Fast Ethernet module for PT-7728-PTP series with 2 100BaseFX multi-mode ports with ST connectors,
1 PPS output with BNC connector, hardware-based IEEE 1588 PTP V2 protocol support
PM-7200-2GTXSFP
Gigabit Ethernet module with 2 10/100/1000BaseT(X) or 1000BaseSFP slot combo ports
PM-7200-2MSC4TX
Fast Ethernet module with 2 100BaseFX multi-mode ports with SC connectors and 4 10/100BaseT(X)
ports
PM-7200-2MST4TX
Fast Ethernet module with 2 100BaseFX multi-mode ports with ST connectors and 4 10/100BaseT(X)
ports
PM-7200-2SSC4TX
Fast Ethernet module with 2 100BaseFX single-mode ports with SC connectors and 4 10/100BaseT(X)
ports
PM-7200-4GTXSFP
Gigabit Ethernet module with 4 10/100/1000BaseT(X) or 1000BaseSFP slot combo ports
PM-7200-4M12
Fast Ethernet module with 4 10/100BaseT(X) ports with M12 connectors
PM-7200-4MSC2TX
Fast Ethernet module with 4 100BaseFX multi-mode ports with SC connectors and 2 10/100BaseT(X)
ports
PM-7200-4MST2TX
Fast Ethernet module with 4 100BaseFX multi-mode ports with ST connectors and 2 10/100BaseT(X)
ports
PM-7200-4SSC2TX
Fast Ethernet module with 4 100BaseFX single-mode ports with SC connectors and 2 10/100BaseT(X)
ports
PM-7200-6MSC
Fast Ethernet module with 6 100BaseFX multi-mode ports with SC connectors
PM-7200-6MST
Fast Ethernet module with 6 100BaseFX multi-mode ports with ST connectors
PM-7200-6SSC
Fast Ethernet module with 6 100BaseFX single-mode ports with SC connectors
PM-7200-8SFP
Fast Ethernet module with 8 100BaseSFP slots
PM-7200-8TX
Fast Ethernet module with 8 10/100BaseT(X) ports
PM-7200-8MTRJ
Fast Ethernet module with 8 100BaseFX multi-mode ports with MTRJ connectors
PM-7200-4TX-PTP
Fast Ethernet module for PT-7728-PTP series with 4 10/100BaseT(X) ports, hardware-based IEEE 1588
PTP V2 protocol support
PM-7200-4MST-PTP
Fast Ethernet module for PT-7728-PTP series with 4 100BaseFX multi-mode ports with ST connectors,
hardware-based IEEE 1588 PTP V2 protocol support
PM-7200-4MSC-PTP
Fast Ethernet module for PT-7728-PTP series with 4 100BaseFX multi-mode ports with SC connectors,
hardware-based IEEE 1588 PTP V2 protocol support
PM-7200-4GTX-PHR-PTP
Gigabit Ethernet module with 4 1000Base T(X) ports, PRP/HSR protocol support
PM-7200-4GSFP-PHR-PTP
Gigabit Ethernet module with 4 100/1000Base SFP slots, PRP/HSR protocol support
Software
MXview-50
Industrial network management software with a license for 50 nodes (by IP address)
MXview-100
Industrial network management software with a license for 100 nodes (by IP address)
MXview-250
Industrial network management software with a license for 250 nodes (by IP address)
MXview-500
Industrial network management software with a license for 500 nodes (by IP address)
MXview-1000
Industrial network management software with a license for 1000 nodes (by IP address)
MXview-2000
Industrial network management software with a license for 2000 nodes (by IP address)
MXview Upgrade-50
License expansion of MXview industrial network management software by 50 nodes (by IP address)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com