Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-7728-R-48 Datasheet(PDF) 5 Page - Moxa Inc.

Part # PT-7728-R-48
Description  Gigabit modular managed rackmount Ethernet switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

PT-7728-R-48 Datasheet(HTML) 5 Page - Moxa Inc.

  PT-7728-R-48 Datasheet HTML 1Page - Moxa Inc. PT-7728-R-48 Datasheet HTML 2Page - Moxa Inc. PT-7728-R-48 Datasheet HTML 3Page - Moxa Inc. PT-7728-R-48 Datasheet HTML 4Page - Moxa Inc. PT-7728-R-48 Datasheet HTML 5Page - Moxa Inc. PT-7728-R-48 Datasheet HTML 6Page - Moxa Inc. PT-7728-R-48 Datasheet HTML 7Page - Moxa Inc. PT-7728-R-48 Datasheet HTML 8Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.moxa.com
5
Ordering Information
Model Name
Max. No. of
Ports
Max. No. of
Gigabit Ports
Max. No. of
Fast Ethernet
Ports
Cabling
Redundant
Power Module
Input Voltage
1
Input Voltage
2
Operating
Temp.
PT-7728-F-24
28
Up to 4
Up to 24
Front
–
24 VDC
–
-45 to 85°C
PT-7728-R-24
28
Up to 4
Up to 24
Rear
–
24 VDC
–
-45 to 85°C
PT-7728-F-24-24
28
Up to 4
Up to 24
Front
✓
24 VDC
24 VDC
-45 to 85°C
PT-7728-R-24-24
28
Up to 4
Up to 24
Rear
✓
24 VDC
24 VDC
-45 to 85°C
PT-7728-F-24-HV
28
Up to 4
Up to 24
Front
✓
24 VDC
110/220 VDC/
VAC
-45 to 85°C
PT-7728-R-24-HV
28
Up to 4
Up to 24
Rear
✓
24 VDC
110/220 VDC/
VAC
-45 to 85°C
PT-7728-F-48
28
Up to 4
Up to 24
Front
–
48 VDC
–
-45 to 85°C
PT-7728-R-48
28
Up to 4
Up to 24
Rear
–
48 VDC
–
-45 to 85°C
PT-7728-F-48-48
28
Up to 4
Up to 24
Front
✓
48 VDC
48 VDC
-45 to 85°C
PT-7728-R-48-48
28
Up to 4
Up to 24
Rear
✓
48 VDC
48 VDC
-45 to 85°C
PT-7728-F-48-HV
28
Up to 4
Up to 24
Front
✓
48 VDC
110/220 VDC/
VAC
-45 to 85°C
PT-7728-R-48-HV
28
Up to 4
Up to 24
Rear
✓
48 VDC
110/220 VDC/
VAC
-45 to 85°C
PT-7728-F-HV
28
Up to 4
Up to 24
Front
–
110/220 VDC/
VAC
–
-45 to 85°C
PT-7728-R-HV
28
Up to 4
Up to 24
Rear
–
110/220 VDC/
VAC
–
-45 to 85°C
PT-7728-F-HV-HV
28
Up to 4
Up to 24
Front
✓
110/220 VDC/
VAC
110/220 VDC/
VAC
-45 to 85°C
PT-7728-R-HV-HV
28
Up to 4
Up to 24
Rear
✓
110/220 VDC/
VAC
110/220 VDC/
VAC
-45 to 85°C
PT-7728-PTP-F-24
28
Up to 4
Up to 24
Front
–
24 VDC
–
-45 to 85°C
PT-7728-PTP-F-
24-24
28
Up to 4
Up to 24
Front
✓
24 VDC
24 VDC
-45 to 85°C
PT-7728-PTP-F-
24-HV
28
Up to 4
Up to 24
Front
✓
24 VDC
110/220 VDC/
VAC
-45 to 85°C
PT-7728-PTP-F-48
28
Up to 4
Up to 24
Front
–
48 VDC
–
-45 to 85°C
PT-7728-PTP-F-
48-48
28
Up to 4
Up to 24
Front
✓
48 VDC
48 VDC
-45 to 85°C
PT-7728-PTP-F-HV
28
Up to 4
Up to 24
Front
–
110/220 VDC/
VAC
–
-45 to 85°C
PT-7728-PTP-F-
HV-HV
28
Up to 4
Up to 24
Front
✓
110/220 VDC/
VAC
110/220 VDC/
VAC
-45 to 85°C
PT-7728-PTP-R-24
28
Up to 4
Up to 24
Rear
–
24 VDC
–
-45 to 85°C
PT-7728-PTP-R-
24-24
28
Up to 4
Up to 24
Rear
✓
24 VDC
24 VDC
-45 to 85°C
PT-7728-PTP-R-
24-HV
28
Up to 4
Up to 24
Rear
✓
24 VDC
110/220 VDC/
VAC
-45 to 85°C
PT-7728-PTP-R-48
28
Up to 4
Up to 24
Rear
–
48 VDC
–
-45 to 85°C
PT-7728-PTP-R-
48-48
28
Up to 4
Up to 24
Rear
✓
48 VDC (36-72
VDC)
48 VDC (36-72
VDC)
-45 to 85°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com