Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6906 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC6906
Description  Voltage-Controlled Pulse Width Modulator (PWM)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 4 Page - Analog Devices

  LTC6906 Datasheet HTML 1Page - Analog Devices LTC6906 Datasheet HTML 2Page - Analog Devices LTC6906 Datasheet HTML 3Page - Analog Devices LTC6906 Datasheet HTML 4Page - Analog Devices LTC6906 Datasheet HTML 5Page - Analog Devices LTC6906 Datasheet HTML 6Page - Analog Devices LTC6906 Datasheet HTML 7Page - Analog Devices LTC6906 Datasheet HTML 8Page - Analog Devices LTC6906 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
4
Rev. D
For more information www.analog.com
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Test conditions are V+ = 2.25V to 5.5V, VMOD = 0V to VSET,
DIVCODE = 0 to 15 (NDIV = 1 to 16,384), RSET = 50k to 800k, RLOAD = 5k, CLOAD = 5pF unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Oscillation Frequency
fOUT
Output Frequency
3.81
1000000
Hz
∆fOUT
Frequency Accuracy (Note 4)
3.81Hz ≤ fOUT ≤ 1MHz
l
±0.8
±1.7
±2.4
%
%
∆fOUT/∆T
Frequency Drift Over Temperature
l
±0.005
%/°C
∆fOUT/∆V+
Frequency Drift Over Supply
V+ = 4.5V to 5.5V
V+ = 2.25V to 4.5V
l
l
0.25
0.08
0.65
0.18
%/V
%/V
Long-Term Frequency Stability
(Note 10)
90
ppm/√kHr
Period Jitter (Note 9)
NDIV = 1
1.2
%P-P
NDIV = 4
0.4
0.07
%P-P
%RMS
NDIV = 16
0.15
0.022
%P-P
%RMS
Pulse Width Modulation
∆D
PWM Duty Cycle Accuracy
VMOD = 0.2 • VSET to 0.8 • VSET
VMOD = 0.2 • VSET to 0.8 • VSET
VMOD < 0.2 • VSET or VMOD > 0.8 • VSET
l
l
±3.0
±3.7
±4.5
±4.9
%
%
%
DMAX
Maximum Duty Cycle Limit
LTC6992-1/LTC6992-4, POL = 0, VMOD =
1V
l
100
%
LTC6992-2/LTC6992-3, POL = 0, VMOD =
1V
l
90.5
95
99
%
DMIN
Minimum Duty Cycle Limit
LTC6992-1/LTC6992-3, POL = 0, VMOD =
0V
l
0
%
LTC6992-2/LTC6992-4, POL = 0, VMOD =
0V
l
1
5
9.5
%
tS,PWM
Duty Cycle Settling Time (Note 6)
tMASTER = tOUT/NDIV
8•tMASTER
µs
Power Supply
V+
Operating Supply Voltage Range
l
2.25
5.5
V
Power-On Reset Voltage
l
1.95
V
IS
Supply Current
RL = ∞, RSET = 50k,
NDIV = 1
V+ = 5.5V
l
365
450
µA
V+ = 2.25V
l
225
285
µA
RL = ∞, RSET = 50k,
NDIV = 4
V+ = 5.5V
l
350
420
µA
V+ = 2.25V
l
225
280
µA
RL = ∞, RSET = 50k,
NDIV ≥ 16
V+ = 5.5V
l
325
390
µA
V+ = 2.25V
l
215
265
µA
RL = ∞, RSET = 800k,
NDIV = 1 to 16,384
V+ = 5.5V
l
120
170
µA
V+ = 2.25V
l
105
150
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com