Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6906 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC6906
Description  Voltage-Controlled Pulse Width Modulator (PWM)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 3 Page - Analog Devices

  LTC6906 Datasheet HTML 1Page - Analog Devices LTC6906 Datasheet HTML 2Page - Analog Devices LTC6906 Datasheet HTML 3Page - Analog Devices LTC6906 Datasheet HTML 4Page - Analog Devices LTC6906 Datasheet HTML 5Page - Analog Devices LTC6906 Datasheet HTML 6Page - Analog Devices LTC6906 Datasheet HTML 7Page - Analog Devices LTC6906 Datasheet HTML 8Page - Analog Devices LTC6906 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
3
Rev. D
For more information www.analog.com
ORDER INFORMATION
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6992CDCB-1#TRMPBF LTC6992CDCB-1#TRPBF
LDXC
6-Lead (2mm × 3mm) Plastic DFN
0°C to 70°C
LTC6992IDCB-1#TRMPBF LTC6992IDCB-1#TRPBF
LDXC
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 85°C
LTC6992HDCB-1#TRMPBF LTC6992HDCB-1#TRPBF
LDXC
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LTC6992CS6-1#TRMPBF
LTC6992CS6-1#TRPBF
LTDXB
6-Lead Plastic TSOT-23
0°C to 70°C
LTC6992IS6-1#TRMPBF
LTC6992IS6-1#TRPBF
LTDXB
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6992HS6-1#TRMPBF
LTC6992HS6-1#TRPBF
LTDXB
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC6992CDCB-2#TRMPBF LTC6992CDCB-2#TRPBF
LDXF
6-Lead (2mm × 3mm) Plastic DFN
0°C to 70°C
LTC6992IDCB-2#TRMPBF LTC6992IDCB-2#TRPBF
LDXF
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 85°C
LTC6992HDCB-2#TRMPBF LTC6992HDCB-2#TRPBF
LDXF
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LTC6992CS6-2#TRMPBF
LTC6992CS6-2#TRPBF
LTDXD
6-Lead Plastic TSOT-23
0°C to 70°C
LTC6992IS6-2#TRMPBF
LTC6992IS6-2#TRPBF
LTDXD
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6992HS6-2#TRMPBF
LTC6992HS6-2#TRPBF
LTDXD
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC6992CDCB-3#TRMPBF LTC6992CDCB-3#TRPBF
LFCP
6-Lead (2mm × 3mm) Plastic DFN
0°C to 70°C
LTC6992IDCB-3#TRMPBF LTC6992IDCB-3#TRPBF
LFCP
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 85°C
LTC6992HDCB-3#TRMPBF LTC6992HDCB-3#TRPBF
LFCP
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LTC6992CS6-3#TRMPBF
LTC6992CS6-3#TRPBF
LTFCQ
6-Lead Plastic TSOT-23
0°C to 70°C
LTC6992IS6-3#TRMPBF
LTC6992IS6-3#TRPBF
LTFCQ
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6992HS6-3#TRMPBF
LTC6992HS6-3#TRPBF
LTFCQ
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC6992CDCB-4#TRMPBF LTC6992CDCB-4#TRPBF
LFCR
6-Lead (2mm × 3mm) Plastic DFN
0°C to 70°C
LTC6992IDCB-4#TRMPBF LTC6992IDCB-4#TRPBF
LFCR
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 85°C
LTC6992HDCB-4#TRMPBF LTC6992HDCB-4#TRPBF
LFCR
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LTC6992CS6-4#TRMPBF
LTC6992CS6-4#TRPBF
LTFCS
6-Lead Plastic TSOT-23
0°C to 70°C
LTC6992IS6-4#TRMPBF
LTC6992IS6-4#TRPBF
LTFCS
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6992HS6-4#TRMPBF
LTC6992HS6-4#TRPBF
LTFCS
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC6992MPS6-1#TRMPBF LTC6992MPS6-1#TRPBF
LTDXB
6-Lead Plastic TSOT-23
–55°C to 125°C
LTC6992MPS6-2#TRMPBF LTC6992MPS6-2#TRPBF
LTDXD
6-Lead Plastic TSOT-23
–55°C to 125°C
LTC6992MPS6-3#TRMPBF LTC6992MPS6-3#TRPBF
LTFCQ
6-Lead Plastic TSOT-23
–55°C to 125°C
LTC6992MPS6-4#TRMPBF LTC6992MPS6-4#TRPBF
LTFCS
6-Lead Plastic TSOT-23
–55°C to 125°C
AUTOMOTIVE PRODUCTS**
LTC6992IS6-1#WTRMPBF LTC6992IS6-1#WTRPBF
LTDXB
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6992HS6-1#WTRMPBF LTC6992HS6-1#WTRPBF
LTDXB
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC6992IS6-2#WTRMPBF LTC6992IS6-2#WTRPBF
LTDXD
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6992HS6-2#WTRMPBF LTC6992HS6-2#WTRPBF
LTDXD
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC6992IS6-3#WTRMPBF LTC6992IS6-3#WTRPBF
LTFCQ
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6992HS6-3#WTRMPBF LTC6992HS6-3#WTRPBF
LTFCQ
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC6992IS6-4#WTRMPBF LTC6992IS6-4#WTRPBF
LTFCS
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6992HS6-4#WTRMPBF LTC6992HS6-4#WTRPBF
LTFCS
6-Lead Plastic TSOT-23
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com